Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6220B Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U6220B
Description  1.3 GHz PLL for TV- and VCR- Tuner
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6220B Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U6220B Datasheet HTML 4Page - TEMIC Semiconductors U6220B Datasheet HTML 5Page - TEMIC Semiconductors U6220B Datasheet HTML 6Page - TEMIC Semiconductors U6220B Datasheet HTML 7Page - TEMIC Semiconductors U6220B Datasheet HTML 8Page - TEMIC Semiconductors U6220B Datasheet HTML 9Page - TEMIC Semiconductors U6220B Datasheet HTML 10Page - TEMIC Semiconductors U6220B Datasheet HTML 11Page - TEMIC Semiconductors U6220B Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
U6220B
TELEFUNKEN Semiconductors
Rev. A2, 23-Sep-96
Preliminary Information
8 (14)
I2C Bus Description (continued)
Band Switching Logic in I2C Bus Mode
(2 mixer EasyLink with MOSMIC gate1 switch off logic)
P0
P4
P2
P1
VHF
Pin6
VHF
L/H
Pin 7
UHF
Pin 8
FM
Trap
Pin 10
MS
Pin 11
UHF
1
0
0
0
on
off
off
off
4 V
VHF high
0
0
1
0
off
on
on
off
0 V
VHF low (except chan-
nel 6)
0
0
0
1
off
off
on
off
0 V
VHF channel 6
0
1
0
1
off
off
on
on
0 V
– Port VHF switches the VHF MOSMIC (inverse logic)
– Port VHF L/H switches the VHF switching-diode (high output current output)
– Port UHF switches the UHF MOSMIC (inverse logic)
– Port FM Trap switches the FM Trap in channel 6
– Port MS switches the MX band switch input (e.g. U2326B)
I2C Bus Pulse Diagram
ADDRESS BYTE
/ A /
/ A /
1.BYTE
/ A /
2.BYTE
/ A /
3.BYTE
4.BYTE
/ A /
SDA
SCL
START
12
34
5
6
7
8
9
8
1...
98
1...
9
1...
8
9
1...
8
STOP
9
12428
Data transfer examples
START - ADR - PDB1 -PDB2 - CB1 - CB2 - STOP
START - ADR - CB1 - CB2 -PDB1 - PDB2 - STOP
START - ADR - PDB1 - PDB2 - CB1 - STOP
START - ADR - CB1 - CB2 - PDB1 - STOP
START - ADR - PDB1 - PSB2 - STOP
START - ADR -CB1 - CB2 - STOP
START - ADR - CB1 - STOP
Description
START
= Start condition
ADR
= Address byte
PDB1
= Programmable divider byte 1
PDB2
= Programmable divider byte 2
CB1
= Control byte 1
CB2
= Control byte 2
STOP
= Stop condition


Similar Part No. - U6220B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62256ADA07 ZMD-U62256ADA07 Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62256ADA07G1 ZMD-U62256ADA07G1 Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62256ADA07LL ZMD-U62256ADA07LL Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
More results

Similar Description - U6220B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com