Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP98242 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 5 Page - Microchip Technology

  MCP98242 Datasheet HTML 1Page - Microchip Technology MCP98242 Datasheet HTML 2Page - Microchip Technology MCP98242 Datasheet HTML 3Page - Microchip Technology MCP98242 Datasheet HTML 4Page - Microchip Technology MCP98242 Datasheet HTML 5Page - Microchip Technology MCP98242 Datasheet HTML 6Page - Microchip Technology MCP98242 Datasheet HTML 7Page - Microchip Technology MCP98242 Datasheet HTML 8Page - Microchip Technology MCP98242 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21996A-page 5
MCP98242
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 3.0V to 3.6V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -20°C to +125°C.
FIGURE 2-1:
Average Temperature
Accuracy.
FIGURE 2-2:
Temperature Accuracy
Histogram, TA = +95°C.
FIGURE 2-3:
Temperature Accuracy
Histogram, TA = +75°C.
FIGURE 2-4:
Supply Current vs.
Temperature.
FIGURE 2-5:
Shutdown Current vs.
Temperature.
FIGURE 2-6:
Power-on Reset Threshold
Voltage vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-20
0
20
40
60
80
100 120
TA (°C)
VDD= 3.0V to 3.6V
Spec. Limits
0%
10%
20%
30%
40%
50%
60%
70%
Temperature Accuracy (°C)
TA = +95°C
VDD = 3.3V
221 units
0%
10%
20%
30%
40%
50%
60%
70%
Temperature Accuracy (°C)
TA = +75°C
VDD = 3.3V
221 units
1
10
100
1000
10000
-40
-20
0
20
406080
100 120
TA (°C)
VDD = 3.3V to 3.6V
EEPROM Write (Sensor in Shutdown Mode)
Sensor (EEPROM Inactive)
EEPROM Read (Sensor in Shutdown Mode)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40
-20
0
20406080
100 120
TA (°C )
VDD = 3.0V to 3.6V
0
0.5
1
1.5
2
2.5
3
-40
-20
0
204060
80
100 120
TA (°C)


Similar Part No. - MCP98242

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP98242 MICROCHIP-MCP98242 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP98242-BE/MC MICROCHIP-MCP98242-BE/MC Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242-BE/MNY MICROCHIP-MCP98242-BE/MNY Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
More results

Similar Description - MCP98242

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
   2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
STTS2002 STMICROELECTRONICS-STTS2002_11 Datasheet
770Kb / 52P
   2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com