Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC1303A Datasheet(PDF) 33 Page - Microchip Technology

Part No. TC1303A
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

TC1303A Datasheet(HTML) 33 Page - Microchip Technology

 
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21949B-page 33
TC1303A/TC1303B/TC1303C/TC1304
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1303A: PWM/LDO combo with Power-Good
TC1303B: PWM/LDO combo with Power-Good
TC1303C: PWM/LDO combo with Power-Good
TC1304:
PWM/LDO combo with Power-Good
Options
Code
VOUT1
Code
VOUT2
Code
+50 mV
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
1.4V
1.3V
1.2V
1.1V
1.0V
0.9V
Adjustable
1.375V
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
0
1
2
3
Default
+50 mV to V1
+50 mV to V2
+50 mV to V1
and V2
* Contact Factory for Alternate Output Voltage and Reset
Voltage Configurations.
Temperature
Range:
E
=
-40°C to +85°C
Package:
MF
= Dual Flat, No Lead (3x3 mm body), 10-lead
UN
= Plastic Micro Small Outline (MSOP), 10-lead
(The MSOP package for this device has not been
qualified at the time of this publication. Contact your
Microchip sales office for availability.)
Tube or
Tape and Reel:
Blank
= Tube
TR
= Tape and Reel
Examples:
a)
TC1303A-SI0EMF:
1.5V, 2.5V, Default,
10LD DFN pkg.
b)
TC1303A-ZA0EUN:
Adj, 3.3V, Default,
10LD MSOP pkg.
c)
TC1303A-PP3EMFTR:
1.8V, 1.8V, +50 mV,
10LD DFN pkg.
Tape and Reel
a)
TC1303B-1H0EMF:
1.375V, 2.6V, Default,
10LD DFN pkg.
b)
TC1303B-AG0EUN:
3.3V, 2.7V, Default,
10LD MSOP pkg.
c)
TC1303B-AD0EMF:
3.3V, 3.0V, Default,
10LD DFN pkg.
d)
TC1303B-IA0EUN:
2.5V, 3.3V, Default,
10LD MSOP pkg.
e)
TC1303B-IA0EMF:
2.5V, 3.3V, Default,
10LD DFN pkg.
f)
TC1303B-PF0EUN:
1.8V, 2.8V, Default,
10LD MSOP pkg.
g)
TC1303B-PF0EMF:
1.8V, 2.8V, Default,
10LD DFN pkg.
h)
TC1303B-PG0EUN:
1.8V, 2.7V, Default,
10LD MSOP pkg.
i)
TC1303B-DG0EMFTR:
3.0V, 2.7V, Default,
10LD DFN pkg.
Tape and Reel
a)
TC1303C-VP0EMF:
1.2V, 1.8V, Default,
10LD DFN pkg.
b)
TC1303C-VP0EMFTR:
1.2V, 1.8V, Default,
10LD DFN pkg.
Tape and Reel.
a)
TC1304-VI0EMF:
1.2V, 2.5V, Default,
10LD DFN pkg.
b)
TC1304-VP0EMF:
1.2V, 1.8V, Default,
10LD DFN pkg.
c)
TC1304-VI0EUN:
1.2V, 2.5V, Default,
10LD MSOP pkg.
d)
TC1304-VI0EMFTR:
1.2V, 2.5V, Default,
10LD DFN pkg.
Tape and Reel.
e)
TC1304-VP0EMFTR:
1.2V, 1.8V, Default
10LD DFN pkg.
Tape and Reel.
f)
TC1304-VI0EUNTR:
1.2V, 2.5V, Default,
10LD MSOP pkg.
Tape and Reel.
PART NO.
X-
X
VOUT1
Type
B
TC1303
X
VOUT2
X
+50 mV
Increments
X
Temp
Range
XX
Package
XX
Tube
or
Tape &
Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn