Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI570 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI570
Description  ANY-RATE I2C PROGRAMMABLE XO/VCXO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI570 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI570 Datasheet HTML 6Page - Silicon Laboratories SI570 Datasheet HTML 7Page - Silicon Laboratories SI570 Datasheet HTML 8Page - Silicon Laboratories SI570 Datasheet HTML 9Page - Silicon Laboratories SI570 Datasheet HTML 10Page - Silicon Laboratories SI570 Datasheet HTML 11Page - Silicon Laboratories SI570 Datasheet HTML 12Page - Silicon Laboratories SI570 Datasheet HTML 13Page - Silicon Laboratories SI570 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si570/Si571
10
Rev. 0.3
Table 8. Typical CLK± Output Phase Noise (Si570)
Offset Frequency (f)
120.00 MHz
LVDS
156.25 MHz
LVPECL
622.08 MHz
LVPECL
Units
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
100 MHz
–112
–122
–132
–137
–144
–150
n/a
–105
–122
–128
–135
–144
–147
n/a
–97
–107
–116
–121
–134
–146
–148
dBc/Hz
Table 9. Typical CLK± Output Phase Noise (Si571)
Offset Frequency
74.25 MHz
90 ppm/V
LVPECL
491.52 MHz
45 ppm/V
LVPECL
622.08 MHz
135 ppm/V
LVPECL
Units
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
100 MHz
–87
–114
–132
–142
–148
–150
n/a
–75
–100
–116
–124
–135
–146
–147
–65
–90
–109
–121
–134
–146
–147
dBc/Hz
Table 10. Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
–0.5 to +3.8
Volts
Input Voltage
VI
–0.5 to VDD + 0.3
Volts
Storage Temperature
TS
–55 to +125
ºC
ESD Sensitivity (HBM, per JESD22-A114)
ESD
>2500
Volts
Soldering Temperature (lead-free profile)
TPEAK
260
ºC
Soldering Temperature Time @ TPEAK (lead-free profile)
tP
20–40
seconds
Notes:
1. Stresses beyond the absolute maximum ratings may cause permanent damage to the device. Functional operation or
specification compliance is not implied at these conditions.
2. The device is compliant with JEDEC J-STD-020C. Refer to Si5xx Packaging FAQ available for download at
www.silabs.com/VCXO for further information, including soldering profiles.


Similar Part No. - SI570

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si570 SILABS-Si570 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results

Similar Description - SI570

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI57X-EVB SILABS-SI57X-EVB Datasheet
828Kb / 34P
   Si57X/598/599 ANY FREQUENCY I2C PROGRAMMABLE XO/VCXO EVALUATION BOARD
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com