Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4426AM Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4426AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426AM Datasheet(HTML) 2 Page - Microchip Technology

  TC4426AM_05 Datasheet HTML 1Page - Microchip Technology TC4426AM_05 Datasheet HTML 2Page - Microchip Technology TC4426AM_05 Datasheet HTML 3Page - Microchip Technology TC4426AM_05 Datasheet HTML 4Page - Microchip Technology TC4426AM_05 Datasheet HTML 5Page - Microchip Technology TC4426AM_05 Datasheet HTML 6Page - Microchip Technology TC4426AM_05 Datasheet HTML 7Page - Microchip Technology TC4426AM_05 Datasheet HTML 8Page - Microchip Technology TC4426AM_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC4426AM/TC4427AM/TC4428AM
DS21939A-page 2
© 2005 Microchip Technology Inc.
Functional Block Diagram
Effective
Input C = 12 pF
(Each Input)
TC4426AM/TC4427AM/TC4428AM(1)
Output
Input
GND(2)
VDD
300 mV
4.7V
Inverting
Non-Inverting
Note 1: The TC4426AM has two inverting drivers; the TC4427AM has two non-inverting drivers;
the TC4428AM has one inverting and one non-inverting driver.
2: Ground any unused driver input.


Similar Part No. - TC4426AM_05

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426AMJA TELCOM-TC4426AMJA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426AMJA MICROCHIP-TC4426AMJA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4426AM MICROCHIP-TC4426AM_13 Datasheet
221Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
More results

Similar Description - TC4426AM_05

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com