Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4425M Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4425M
Description  3A Dual High-Speed Power MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4425M Datasheet(HTML) 4 Page - Microchip Technology

  TC4425M Datasheet HTML 1Page - Microchip Technology TC4425M Datasheet HTML 2Page - Microchip Technology TC4425M Datasheet HTML 3Page - Microchip Technology TC4425M Datasheet HTML 4Page - Microchip Technology TC4425M Datasheet HTML 5Page - Microchip Technology TC4425M Datasheet HTML 6Page - Microchip Technology TC4425M Datasheet HTML 7Page - Microchip Technology TC4425M Datasheet HTML 8Page - Microchip Technology TC4425M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC4423M/TC4424M/TC4425M
DS21937A-page 4
© 2005 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
+10
µA
0V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH VDD – 0.025
V
Low Output Voltage
VOL
——
0.025
V
Output Resistance, High
ROH
—3.7
8
Ω
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—4.3
8
Ω
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—3.0
A
Latch-Up Protection
Withstand Reverse Current
IREV
>1.5
A
Duty cycle
≤ 2%, t ≤ 300 µsec
Switching Time (Note 1)
Rise Time
tR
—28
60
ns
Figure 4-1, Figure 4-2,
CL = 1800 pF
Fall Time
tF
—32
60
ns
Figure 4-1, Figure 4-2,
CL = 1800 pF
Delay Time
tD1
32
100
ns
Figure 4-1, Figure 4-2,
CL = 1800 pF
Delay Time
tD2
38
100
ns
Figure 4-1, Figure 4-2,
CL = 1800 pF
Power Supply
Power Supply Current
IS
2.0
0.2
3.5
0.3
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs)
Note 1: Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (M)
TA
-55
+125
ºC
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-CERDIP
θJA
150
ºC/W


Similar Part No. - TC4425M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4425MJA TELCOM-TC4425MJA Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425MJA MICROCHIP-TC4425MJA Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results

Similar Description - TC4425M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com