Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1301B-FDAVMF Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1301B-FDAVMF
Description  Dual LDO with Microcontroller RESET Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301B-FDAVMF Datasheet(HTML) 4 Page - Microchip Technology

  TC1301B-FDAVMF Datasheet HTML 1Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 2Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 3Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 4Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 5Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 6Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 7Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 8Page - Microchip Technology TC1301B-FDAVMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC1301A/B
DS21798B-page 4
© 2005 Microchip Technology Inc.
Shutdown Supply Current
TC1301A
IIN_SHDNA
—58
90
µA
SHDN2 = GND, VDET = OPEN
Shutdown Supply Current
TC1301B
IIN_SHDNB
0.1
1
µA
SHDN1 = SHDN2 = GND
Power Supply Rejection Ratio
PSRR
58
dB
f
≤ 100 Hz, IOUT1 = IOUT2 = 50 mA,
CIN = 0 µF
Output Noise
eN
830
nV/(Hz)½
f
≤ 1kHz, IOUT1 = IOUT2 = 50 mA,
CIN = 0 µF
Output Short-Circuit Current (Average)
VOUT1
IOUTsc
200
mA
RLOAD1 ≤ 1Ω
VOUT2
IOUTsc
140
mA
RLOAD2 ≤ 1Ω
SHDN Input High Threshold
VIH
45
——
%VIN
VIN = 2.7V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.7V to 6.0V
Wake-Up Time (From SHDN
mode), (VOUT2)
tWK
—5.3
20
µs
VIN = 5V, IOUT1 = IOUT2 = 30 mA,
See Figure 5-1
Settling Time (From SHDN mode),
(VOUT2)
tS
—50
µs
VIN = 5V, IOUT1 = IOUT2 = 50 mA,
See Figure 5-2
Thermal Shutdown Die
Temperature
TSD
150
°C
VIN = 5V, IOUT1 = IOUT2 = 100 µA
Thermal Shutdown Hysteresis
THYS
—10
°C
VIN = 5V
Voltage Range
VDET
1.0
1.2
6.0
6.0
V
TA = 0°C to +70°C
TA = -40°C to +125°C
RESET Threshold
VTH
-1.4
+1.4
%
-2.8
+2.8
%TA = -40°C to +125°C
RESET Threshold Tempco
ΔVTH/ΔT—
30
ppm/°C
VDET RESET Delay
tRPD
180
µs
VDET = VTH to (VTH – 100 mV),
See Figure 5-3
RESET Active Time-out Period
tRPU
140
300
560
ms
VDET = VTH - 100 mV to VTH + 100 mV,
ISINK = 1.2 mA, See Figure 5-3.
RESET Output Voltage Low
VOL
——
0.2
V
VDET = VTHmin, ISINK = 1.2 mA,
ISINK = 100 µA for VDET < 1.8V,
See Figure 5-3
RESET Output Voltage High
VOH
0.9
VDET
——
V
VDET > VTHmax, ISOURCE = 500 µA,
See Figure 5-3
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF,
CBYPASS = 10 nF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT.
2:
VR is defined as the higher of the two regulator nominal output voltages (VOUT1 or VOUT2).
3:
TCVOUT = ((VOUTmax - VOUTmin) * 10
6)/(V
OUT * ΔT).
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for
t = 10 ms.
6:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its value
measured at a 1V differential.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown
.


Similar Part No. - TC1301B-FDAVMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301B-FDAVMF MICROCHIP-TC1301B-FDAVMF Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-FDAVMF MICROCHIP-TC1301B-FDAVMF Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
TC1301B-FDAVMFTR MICROCHIP-TC1301B-FDAVMFTR Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
More results

Similar Description - TC1301B-FDAVMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com