Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS501 Datasheet(PDF) 39 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PS501_04 Datasheet HTML 35Page - Microchip Technology PS501_04 Datasheet HTML 36Page - Microchip Technology PS501_04 Datasheet HTML 37Page - Microchip Technology PS501_04 Datasheet HTML 38Page - Microchip Technology PS501_04 Datasheet HTML 39Page - Microchip Technology PS501_04 Datasheet HTML 40Page - Microchip Technology PS501_04 Datasheet HTML 41Page - Microchip Technology PS501_04 Datasheet HTML 42Page - Microchip Technology PS501_04 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
 2004 Microchip Technology Inc.
DS21902A-page 39
PS501-0901
TABLE 9-5:
A/D CONVERTER CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ±10%)
FIGURE 9-1:
SMBus AC TIMING DIAGRAMS
TABLE 9-6:
SILICON TIME BASE CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +5.0V ±10%)
Symbol
Characteristic
Min
Typ
Max
Units
Condition
ADRES
A/D Converter Resolution
8
15
bits
(Note 1)
VADIN
A/D Converter Input Voltage Range
(internal)
-152
152
mV
Differential mode (Note 2)
0
300
mV
Single-Ended mode (Note 2)
EVGAIN
Supply Voltage Gain Error
0.100
%
EVOFFSET Compensated Offset Error
0.100
%
ETEMP
Temperature Gain Error
0.100
%
EINL
Integrated Nonlinearity Error
0.004
%
Note 1:
Voltage is internal at A/D converter inputs. VSR and VNTC are measured directly. VC(x) inputs are
measured using internal level translation circuitry that scales the input voltage range appropriately for the
converter.
tHD:STA
tBUF
tLOW
tR
tHD:STA
tHIGH
tSU:DAT
tF
tSU:STA
tSU:STA
tSU:STO
P
S
S
P
SCL
SDA
SCL
SDA
tLOW:SEXT
tLOW:MEXT
tLOW:MEXT
tLOW :MEXT
SCL
ACK
SCL
ACK
Note: SCL
ACK is the Acknowledge related clock pulse generated by the m aster.
Symbol
Characteristic
Min
Typ
Max
Units
Condition
ETIME
Silicon Time Base Error
0.25
%
Bias Resistor ROSC
Tolerance = 1%, TL = ±100 PPM


Similar Part No. - PS501_04

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS501-HRP AXIOMTEK-PS501-HRP Datasheet
199Kb / 2P
   Power Supplies
logo
PREMO CORPORATION S.L
PS5014 PREMO-PS5014 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
PS5014-100M PREMO-PS5014-100M Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
PS5014-101M PREMO-PS5014-101M Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
PS5014-150M PREMO-PS5014-150M Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
More results

Similar Description - PS501_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
   Single Chip Battery Manager - Nickel Chemistries
2003
PS501 MICROCHIP-PS501 Datasheet
583Kb / 42P
   Single Chip Field Reprogrammable Battery Manager
2004
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Microchip Technology
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
   Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
   Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
   Single-Chip, Li-Ion/Polymer Battery Charge Manager
logo
Microchip Technology
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
   PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
   Nickel Chemistry Battery Manager Module with LED SOC Display
2004
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com