Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P140KH-F2CR100K Datasheet(PDF) 1 Page - Bi technologies

Part # P140KH-F2CR100K
Description  14mm Rotary Potentiometer Dual Unit Conductive Plastic Element With / Without Bushing Insulated Shaft RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P140KH-F2CR100K Datasheet(HTML) 1 Page - Bi technologies

  P140KH-F2CR100K Datasheet HTML 1Page - Bi technologies P140KH-F2CR100K Datasheet HTML 2Page - Bi technologies P140KH-F2CR100K Datasheet HTML 3Page - Bi technologies P140KH-F2CR100K Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model P140
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 16, 2007
page 1 of 4
BI technologies
14mm Rotary Potentiometer
Dual Unit
Conductive Plastic Element
With / Without Bushing
Insulated Shaft
RoHS Compliant
MODEL STYLES
MODEL STYLES
MODEL STYLES
MODEL STYLES
Side Adjust, without Bushing
P140KV
Side Adjust, with Bushing
P140KV1
Top Adjust, without Bushing
P140KH
Top Adjust, with Bushing
P140KH1
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Resistance Range, Ohms
500-1M
Standard Resistance Tolerance
± 20%
Residual Resistance
20 ohms max.
Input Voltage, maximum
50 Vac max.
Power rating, Watts
0.05w
Dielectric Strength
500Vac, I minute
Insulation Resistance, Minimum
100M ohms at 250Vdc
Sliding Noise
100mV max.
Gang Error ( Multi-ganged )
-40dB – 0dB, ±3dB
Actual Electrical Travel, Nominal
270°
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Total Mechanical Travel
300°± 10°
Static Stop Strength
70 oz-in
Rotational Torque, Maximum
2.5 oz-in
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-20°C to +70°C
Rotational Life
30,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - P140KH-F2CR100K

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P140KH TTELEC-P140KH Datasheet
764Kb / 6P
   Rotary Potentiometer
P140KH1 TTELEC-P140KH1 Datasheet
764Kb / 6P
   Rotary Potentiometer
More results

Similar Description - P140KH-F2CR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
P120K BITECH-P120K Datasheet
255Kb / 4P
   12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
P090 BITECH-P090 Datasheet
199Kb / 3P
   9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com