Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA025XS1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PA025XS1
Description  2.5 color TFT-LCD panel
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA025XS1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PA025XS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 12Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 13Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 14Page - List of Unclassifed Manufacturers PA025XS1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PA025XS1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:11
8-5) Timing Characteristics Of Input Signals
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
1Field Scanning Period
t1V
-
262.5
-
H
1Line Scanning Period
t1H
-
63.5
-
µs
Source Driver Operating Frequency
fhc
1.0
3.14
5.0
MHz
Signal Sampling Pulse Width
tchw
200
317.7
1000
ns
Signal Sampling Pulse Delay
tchd
95.3
105.9
116.5
ns tchd 12,23
Signal Sampling Pulse Width(H)
tchwh
142.9
158.8
174.7
ns
Signal Sampling Pulse Delay(L)
tchwl
142.9
158.8
174.7
ns
Source Start Signal Pulse Width
tshw
90
317.7
630*
ns *tshset=tshhld
Source Start Signal Setup Time
tshset
20
158.8
-
ns
Source Start Signal Hold Time
tshhld
20
158.8
-
ns
Source Output Enable Pulse Width
tohw
1.0
2.0
-
µs
Source Start Signal Rising Time
tss
-
9.8
-
µs
Video Input Signal Start Point
tvs
-
10.0
-
µs
Phase Difference Between OEH&CPV
toc
1.5
2.3
-
µs
Gate Clock Period
tcvw
10
63.5
-
µs
Gate Clock Pulse Width(H)
tcvwh
10
31.7
48
µs
Gate Clock Pulse Width(L)
tcvwl
10
31.7
48
µs
Gate Start Signal Pulse Width
tsvw
5
63.5
126**
µs **tsvset=tsvhld
Gate Start Signal Setup Time
tsvset
5
53.2
-
µs
Gate Start Signal Hold Time
tsvhld
5
10.3
-
µs
Phase Difference Between OEH&STH
tosp
-
4
-
µs
Phase Difference Between SYNC&OEH
tohs
-
1.4
-
µs
Gate Output Enable Pulse Width
toev
-
2.5
-
µs
VCOM Delay Time
tDCOM
--
3
µs
RGB Delay Time
tDRGB
--
2
µs
Vertical Display Start
tsv
-
3
-
tH


Similar Part No. - PA025XS1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PA025XSC AZDISPLAYS-PA025XSC Datasheet
791Kb / 27P
   This technical specification applies to 2.5inch color TFT-LCD panel.
More results

Similar Description - PA025XS1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BT025ABNNHB BOLYMIN-BT025ABNNHB Datasheet
192Kb / 1P
   2.5 Color TFT-LCD module
BT025ABCAHB BOLYMIN-BT025ABCAHB Datasheet
222Kb / 1P
   2.5 Color TFT-LCD video module
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
AU Optronics Corp.,
M270DTN01.5 AUO-M270DTN01.5 Datasheet
2Mb / 39P
   27inch Color TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com