Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA827 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA827
Description  Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA827 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA827 Datasheet HTML 1Page - Burr-Brown (TI) OPA827 Datasheet HTML 2Page - Burr-Brown (TI) OPA827 Datasheet HTML 3Page - Burr-Brown (TI) OPA827 Datasheet HTML 4Page - Burr-Brown (TI) OPA827 Datasheet HTML 5Page - Burr-Brown (TI) OPA827 Datasheet HTML 6Page - Burr-Brown (TI) OPA827 Datasheet HTML 7Page - Burr-Brown (TI) OPA827 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BurrBrown Products
from Texas Instruments
OP
A827
OP
A2827
FEATURES
DESCRIPTION
APPLICATIONS
V
IN
AGND1
REF
CAP
ADS8505
AGND2
DGND
500W
200W
33.2kW
-15V
2.2mF
100nF
2.2mF
100pF
OPA827
100pF
500W
+15V
2.2mF
100nF
V
IN
2.2mF
OPA827
OPA2827
SBOS376C – NOVEMBER 2006 – REVISED AUGUST 2007
Low-Noise, High-Precision, JFET-Input,
OPERATIONAL AMPLIFIER
• OFFSET: 250μV (max)
The OPA827 series of JFET operational amplifiers
combines outstanding dc precision with excellent ac
• DRIFT: 1μV/°C
performance. It offers 100
μV of offset, very low drift
• LOW NOISE: 4.5nV/√Hz at 1kHz
(1
μV/
°C) over temperature, low bias currents, and
• BANDWIDTH: 18MHz
very low flicker noise of 400nVPP (0.1Hz to 10Hz). It
• SLEW RATE: 22V/μs
operates over a very wide supply voltage range of
±4V to ±18V on a low 4.5mA supply current. A dual
• BIAS CURRENT: 3pA
version is also available for the OPA827 family.
• QUIESCENT CURRENT: 4.5mA/Ch
Excellent ac characteristics, such as 18MHz gain
• WIDE SUPPLY RANGE: ±4V to ±18V
bandwidth
(GBW)
and
22V/
μs
slew
rate,
and
• SINGLE PACKAGES: MSOP-8, SO-8
precision dc characteristics make the OPA827 series
• DUAL PACKAGES: SO-8 PowerPAD
well-suited for a wide range of applications such as
16-
to
18-bit
data
acquisition
systems,
transimpedance (I/V-conversion) amplifiers, filters,
precision
±10V front ends, and professional audio
• PRECISION ±10V INPUT FRONT-ENDS
applications.
• TRANSIMPEDANCE AMPLIFIERS
The single version (OPA827) is available in both
• INTEGRATORS
MSOP-8
and
standard
SO-8
surface-mount
• ACTIVE FILTERS
packages. The dual version (OPA2827) is available
• A/D CONVERTER DRIVERS
in
the
SO-8
PowerPAD
for
increased
power
• DAC OUTPUT BUFFERS
dissipation capability. All versions are specified from
–40
°C to +125°C.
• HIGH-PERFORMANCE AUDIO
• PROCESS CONTROL
• TEST EQUIPMENT
• MEDICAL EQUIPMENT
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2006–2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OPA827

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
OPA827 TI1-OPA827 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
OPA827AI TI-OPA827AI Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827AID BURR-BROWN-OPA827AID Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
More results

Similar Description - OPA827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com