Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8578 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA8578
Description  Dual common-mode rejection differential line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8578 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1995 Dec 15
2
Philips Semiconductors
Product specification
Dual common-mode rejection differential
line receiver
TDA8578
FEATURES
• Excellent common-mode rejection up to high
frequencies
• Elimination of source resistance in the common-mode
rejection
• Few external components
• High supply voltage ripple rejection
• Low noise
• Low distortion
• Protected against electrostatic discharge
• AC and DC short circuit safe to ground and VCC
• Fast DC settling.
APPLICATIONS
• Audio
• Car radio.
GENERAL DESCRIPTION
The TDA8578 is a two-channel differential amplifier in a
16 pin DIL or SO package intended to receive line inputs
in audio applications requiring a high-level of
common-mode rejection. The amplifier has a gain of 0 dB
and a low distortion. The device is primarily developed for
those car radio applications where long connections
between signal sources and amplifiers (or boosters) are
necessary and ground noise has to be eliminated.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
5
8.5
18
V
ICC
supply current
VCC = 8.5 V
11
14
mA
Gv
voltage gain
−0.5
0
+0.5
dB
SVRR
supply voltage ripple rejection
−55
−60
dB
Vno
noise output voltage
3.7
5
µV
Zi
input impedance
100
240
k
CMRR
common-mode rejection ratio
Rs =0 Ω−
80
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8578
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA8578T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn