Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89473U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89473U
Description  Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89473U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89473U Datasheet HTML 1Page - Micrel Semiconductor SY89473U Datasheet HTML 2Page - Micrel Semiconductor SY89473U Datasheet HTML 3Page - Micrel Semiconductor SY89473U Datasheet HTML 4Page - Micrel Semiconductor SY89473U Datasheet HTML 5Page - Micrel Semiconductor SY89473U Datasheet HTML 6Page - Micrel Semiconductor SY89473U Datasheet HTML 7Page - Micrel Semiconductor SY89473U Datasheet HTML 8Page - Micrel Semiconductor SY89473U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SY89473U
May 2007
4
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)....................................-0.5V to +4.0V
Input Voltage (VIN)........................................... -0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ...........................................................±50mA
Surge ..................................................................±100mA
Input Current
Source/sink Current on IN, /IN..............................±50mA
Source/sink Current on VT ..................................±100mA
VREF-AC Current
Source/sink Current on VREF-AC...............................±2mA
Lead Temperature (soldering, 20 sec.) ...................+260°C
Storage Temperature (TS) ...........................-65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC) .................................. +2.375V to +2.625V
....................................................................+3.0V to +3.6V
Ambient Temperature (TA).................................–40°C to +85°C
Package Thermal Resistance
(3)
MLF
® JA)
Still-Air.................................................................... 50°C/W
MLF
® JB)
Junction-to-Board ................................................... 30°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
2.375
2.5
2.625
V
VCC
Power Supply
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max VCC.
45
65
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH-0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a. Note 5
0.1
VCC
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.2
V
VT_IN
IN-to-VT
(IN, /IN)
1. 28
V
VREF-AC
Output Reference Voltage
VCC-1.3
VCC-1.2
VCC-1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θ JA and ΨJB
values are determined for a 4-layer board in still air unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIN (max) is specified when VT is floating.


Similar Part No. - SY89473U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U Datasheet
528Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2
SY89473UMG MICREL-SY89473UMG Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
528Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2
More results

Similar Description - SY89473U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com