Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89473U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89473U
Description  Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89473U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89473U_07 Datasheet HTML 2Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 3Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 4Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 5Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 6Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 7Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 8Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 9Page - Micrel Semiconductor SY89473U_07 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY89473U
May 2007
6
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(7)
VCC = 2.5V ±5% or 3.3V ±10%; TA = -40°C to + 85°C, RL = 50Ω to VCC-2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
NRZ Data
2.5
3.2
Gbps
fMAX
Maximum Operating Frequency
VOUT ≥ 400mV
Clock
2.5
3.0
GHz
Differential Propagation Delay
In-to-Q
250
320
500
ps
tpd
SEL-to-Q
VTH = VCC/2
250
360
600
ps
Tpd
Tempco
Differential Propagation Delay
Temperature Coefficient
158
fs/
oC
Output-to-Output Skew
Note 8
5
20
ps
tSKEW
Part-to-Part Skew
Note 9
200
ps
Clock
Random Jitter
Note 10
1
psRMS
Cycle-to-Cycle Jitter
Note 11
1
psRMS
Total Jitter (TJ)
Note 12
10
psPP
tJitter
Crosstalk-Induced Jitter
Note 13
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
70
130
190
ps
Notes:
7.
High-frequency AC-parameters are guaranteed by design and characterization.
8.
Output-to-output skew is measured between two different outputs under identical transitions.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs.
10. Random Jitter is measured with a K28.7 pattern, measured at <fMAX.
11. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
12. Total Jitter definition: With an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by
more than the specified peak-to-peak jitter value.
13. Crosstalk is measured at the output while applying two similar differential clock frequencies that are asynchronous with respect to each
other at the inputs.


Similar Part No. - SY89473U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473UMG MICREL-SY89473UMG Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473UMGTR MICREL-SY89473UMGTR Datasheet
528Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2
SY89473U MICREL-SY89473U_10 Datasheet
528Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2
More results

Similar Description - SY89473U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com