Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89230U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89230U
Description  3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89230U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89230U Datasheet HTML 1Page - Micrel Semiconductor SY89230U Datasheet HTML 2Page - Micrel Semiconductor SY89230U Datasheet HTML 3Page - Micrel Semiconductor SY89230U Datasheet HTML 4Page - Micrel Semiconductor SY89230U Datasheet HTML 5Page - Micrel Semiconductor SY89230U Datasheet HTML 6Page - Micrel Semiconductor SY89230U Datasheet HTML 7Page - Micrel Semiconductor SY89230U Datasheet HTML 8Page - Micrel Semiconductor SY89230U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
SY89230U
July. 18, 2007
M9999-071807-A
hbwhelp@micrel.com or (408) 955-1690
4
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ..........................–0.5V to +4.0V
Input Voltage (VIN) ..................................–0.5V to VCC
LVPECL Output Current (IOUT)....................................
Continuous ................................................. 50mA
Surge........................................................ 100mA
Current (VT)
Source or sink current on VT pin…………±100mA
Input Current
Source or sink current on (IN, /IN) ........... ±50mA
Current (VREF-AC)
Source/Sink Current on VREF-AC
(4)............ ±0.5mA
Maximum Operating Junction Temperature…..125°C
Lead Temperature (soldering, 20 sec.) ..........+260°C
Storage Temperature (Ts)..................–65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC).................. +2.375V to +2.625V
......................................................+3.0V to +3.6V
Ambient Temperature (TA)................ –40°C to +85°C
Package Thermal Resistance
(3)
MLF
® JA)
Still-Air ..................................................... 75°C/W
MLF
® JB)
Junction-to-Board………………………….33°C/W
DC Electrical Characteristics
(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
3.0
2.5
3.3
2.625
3.6
V
V
ICC
Power Supply Current
No load, max VCC
62
85
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 2a. Note 6.
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 2b.
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θJA and
ψJB values are determined for a 4-layer board in still air unless otherwise stated.
4. Due to limited drive capability use for input of the same package only.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN (max) is specified when VT is floating.


Similar Part No. - SY89230U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89230U MICREL-SY89230U Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230UMGTR MICREL-SY89230UMGTR Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
More results

Similar Description - SY89230U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com