Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC649B Datasheet(PDF) 6 Page - Microchip Technology

Part # TC649B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649B Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC649B Datasheet HTML 2Page - Microchip Technology TC649B Datasheet HTML 3Page - Microchip Technology TC649B Datasheet HTML 4Page - Microchip Technology TC649B Datasheet HTML 5Page - Microchip Technology TC649B Datasheet HTML 6Page - Microchip Technology TC649B Datasheet HTML 7Page - Microchip Technology TC649B Datasheet HTML 8Page - Microchip Technology TC649B Datasheet HTML 9Page - Microchip Technology TC649B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TC646B/TC648B/TC649B
DS21755B-page 6
 2003 Microchip Technology Inc.
FIGURE 1-4:
TC646B/TC648B/TC649B Electrical Characteristics Test Circuit.
1
2
3
4
6
5
7
8
VIN
CF
VAS
GND
FAULT / OTF
SENSE
VOUT
VDD
R3
R1
C3
0.1 µF
C2
1µF
VDD
C1
0.1 µF
+
-
VIN
+
-
C4
0.1 µF
VAS
+
-
R2
K1
K2
0.1 µF
1µF
.01 µF
C7
C6
C5
R4
VSENSE
(pulse voltage source)
K4
K3
+
-
Current
limited
voltage
source
VDD
R5
Current
limited
voltage
source
C8
0.1 µF
R6
Note: C5 and C7 are adjusted to get the necessary 1 µF value.
TC646B and TC649B
TC646B
TC648B
TC649B
+
-


Similar Part No. - TC649B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC649B MICROCHIP-TC649B Datasheet
580Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
More results

Similar Description - TC649B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com