Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP619 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP619
Description  High Current Power Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP619 Datasheet(HTML) 5 Page - Sipex Corporation

  SP619 Datasheet HTML 1Page - Sipex Corporation SP619 Datasheet HTML 2Page - Sipex Corporation SP619 Datasheet HTML 3Page - Sipex Corporation SP619 Datasheet HTML 4Page - Sipex Corporation SP619 Datasheet HTML 5Page - Sipex Corporation SP619 Datasheet HTML 6Page - Sipex Corporation SP619 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Jul23-07 Rev K
SP69 High Current Power Switch
© 2007 Sipex Corporation
Overtemperature Protection
The SP69 has built-in overtemperature
protection to protect the part against dam-
age if the die temperature gets too hot. The
typical thermal cutoff is about 50ºC. The
part will self recover if the temperature drops
below the thermal restart threshold of about
20ºC.
Layout Considerations
The input and output decoupling capacitors
should be placed as close as possible to the
input and output pins. The GND pin should
be stitched to the GND plain to help with
thermal performance. The input and output
traces should be as large as possible. The
100KΩ is also recommended in the design
and should be placed close to the output de-
coupling cap.
THEORy OF OPERATION
146-6642-00
Vin
GND
ON/OFF
Vout
U1
SP619
Solved by
TM
Recommended Layout


Similar Part No. - SP619

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP619 EXAR-SP619 Datasheet
207Kb / 7P
   High Current Power Switch
SP619EK-L EXAR-SP619EK-L Datasheet
207Kb / 7P
   High Current Power Switch
SP619EK-L/TR EXAR-SP619EK-L/TR Datasheet
207Kb / 7P
   High Current Power Switch
More results

Similar Description - SP619

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP619 EXAR-SP619 Datasheet
207Kb / 7P
   High Current Power Switch
logo
E-Tech Electronics LTD
UPS602 ETL-UPS602 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS604 ETL-UPS604 Datasheet
596Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 ETL-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS704 ETL-UPS704 Datasheet
546Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Unisonic Technologies
UPS603 UTC-UPS603 Datasheet
545Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Infineon Technologies A...
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
logo
Unisonic Technologies
UPS1602 UTC-UPS1602 Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com