Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC-08ED Datasheet(PDF) 9 Page - ON Semiconductor

Part # DAC-08ED
Description  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08ED Datasheet(HTML) 9 Page - ON Semiconductor

Back Button DAC-08ED Datasheet HTML 5Page - ON Semiconductor DAC-08ED Datasheet HTML 6Page - ON Semiconductor DAC-08ED Datasheet HTML 7Page - ON Semiconductor DAC-08ED Datasheet HTML 8Page - ON Semiconductor DAC-08ED Datasheet HTML 9Page - ON Semiconductor DAC-08ED Datasheet HTML 10Page - ON Semiconductor DAC-08ED Datasheet HTML 11Page - ON Semiconductor DAC-08ED Datasheet HTML 12Page - ON Semiconductor DAC-08ED Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
9
NOTES:
REQ = RIN || RP
Typical Values
RIN = 5kW
+VIN = 10V
Pulsed Referenced Operation
OPTIONAL RESISTOR
FOR OFFSET
INPUTS
NO CAP
14
15 16
2
4
+VREF
RREF
REQ
=200
W
RP
RIN
0V
Figure 23. Typical Application
FUNCTIONAL DESCRIPTION
Reference Amplifier Drive and Compensation
The reference amplifier input current must always flow
into Pin 14 regardless of the setup method or reference
supply voltage polarity.
Connections for a positive reference voltage are shown
in Figure 2. The reference voltage source supplies the full
reference current. For bipolar reference signals, as in the
multiplying mode, R15 can be tied to a negative voltage
corresponding to the minimum input level. R15 may be
eliminated with only a small sacrifice in accuracy and
temperature drift.
The compensation capacitor value must be increased as
R14 value is increased. This is in order to maintain proper
phase margin. For R14 values of 1.0, 2.5, and 5.0 k
W,
minimum capacitor values are 15, 37, and 75 pF,
respectively. The capacitor may be tied to either VEE or
ground, but using VEE increases negative supply rejection.
(Fluctuations in the negative supply have more effect on
accuracy than do any changes in the positive supply.)
A negative reference voltage may be used if R14 is
grounded and the reference voltage is applied to R15 as
shown. A high input impedance is the main advantage of
this method. The negative reference voltage must be at
least 3.0 V above the VEE supply. Bipolar input signals may
be handled by connecting R14 to a positive reference
voltage equal to the peak positive input level at Pin 15.
When using a DC reference voltage, capacitive bypass to
ground is recommended. The 5.0 V logic supply is not
recommended as a reference voltage, but if a well regulated
5.0 V supply which drives logic is to be used as the
reference, R14 should be formed of two series resistors with
the junction of the two resistors bypassed with 0.1
mF to
ground. For reference voltages greater than 5.0 V, a clamp
diode is recommended between Pin 14 and ground.
If Pin 14 is driven by a high impedance such as a
transistor current source, none of the above compensation
methods applies and the amplifier must be heavily
compensated, decreasing the overall bandwidth.
Output Voltage Range
The voltage at Pin 4 must always be at least 4.5 V more
positive than the voltage of the negative supply (Pin 3)
when the reference current is 2.0 mA or less, and at least
8.0 V more positive than the negative supply when the
reference current is between 2.0 mA and 4.0 mA. This is
necessary to avoid saturation of the output transistors,
which would cause serious accuracy degradation.
Output Current Range
Any time the full-scale current exceeds 2.0 mA, the
negative supply must be at least 8.0 V more negative than
the output voltage. This is due to the increased internal
voltage drops between the negative supply and the outputs
with higher reference currents.
Accuracy
Absolute accuracy is the measure of each output current
level with respect to its intended value, and is dependent
upon relative accuracy, full-scale accuracy and full-scale
current drift. Relative accuracy is the measure of each
output current level as a fraction of the full-scale current
after zero-scale current has been nulled out. The relative
accuracy of the DAC-08 series is essentially constant over
the operating temperature range due to the excellent
temperature tracking of the monolithic resistor ladder. The
reference current may drift with temperature, causing a
change in the absolute accuracy of output current.
However, the DAC-08 series has a very low full-scale
current drift over the operating temperature range.
The DAC-08 series is guaranteed accurate to within
"LSB at +25°C at a full-scale output current of 1.992 mA.
The relative accuracy test circuit is shown in Figure 2. The
12-bit converter is calibrated to a full-scale output current
of 1.99219 mA, then the DAC-08 full-scale current is
trimmed to the same value with R14 so that a zero value
appears at the error amplifier output. The counter is
activated and the error band may be displayed on the
oscilloscope, detected by comparators, or stored in a peak
detector.
Two 8-bit D-to-A converters may not be used to construct
a 16-bit accurate D-to-A converter. 16-bit accuracy implies
a total of
" part in 65,536, or "0.00076%, which is much
more accurate than the
"0.19% specification of the
DAC-08 series.
Monotonicity
A monotonic converter is one which always provides
analog output greater than or equal to the preceding value
for a corresponding increment in the digital input code. The
DAC-08 series is monotonic for all values of reference
current above 0.5 mA. The recommended range for
operation is a DC reference current between 0.5 mA and
4.0 mA.


Similar Part No. - DAC-08ED

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08ED PHILIPS-DAC-08ED Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Similar Description - DAC-08ED

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com