Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC-08 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DAC-08
Description  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DAC-08 Datasheet HTML 4Page - ON Semiconductor DAC-08 Datasheet HTML 5Page - ON Semiconductor DAC-08 Datasheet HTML 6Page - ON Semiconductor DAC-08 Datasheet HTML 7Page - ON Semiconductor DAC-08 Datasheet HTML 8Page - ON Semiconductor DAC-08 Datasheet HTML 9Page - ON Semiconductor DAC-08 Datasheet HTML 10Page - ON Semiconductor DAC-08 Datasheet HTML 11Page - ON Semiconductor DAC-08 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
LOGIC INPUT VOLTAGE (V)
10,000
NOTES:
B1 through B8 have identical transfer characteristics.
Bits are fully switched, with less than 1/2LSB error, at
less than
±100mV from actual threshold. These switching
points are guaranteed to lie between 0.8 and 2.0V over
the operating temperature range (VLC = 0.0V).
2.0
1.8
1.6
1.4
1.2
1.o
0.8
0.6
0.4
0.2
0
−50
0
50
100
150
TEMPERATURE (
°C)
8
7
6
5
4
3
2
1
0
0
−4.0
−8.0
−12
−16
−20
V− − NEGATIVE POWER SUPPLY (VDC)
I+
BITS MAY BE HIGH OR LOW
I− WITH IREF = 2mA
I− WITH IREF = 1mA
I− WITH IREF = 0.2mA
8
7
6
5
4
3
2
1
0
−50
0
50
100
150
TEMPERATURE (
°C)
BITS MAY BE HIGH OR LOW
IREF = 2.0mA
I+
I−
V+ = +15V
V− = +15V
1,000
100
10
1
10
100
1000
CC (pF)
8.0
6.0
4.0
2.0
0
−12
−8
−4
0
4
8
12
16
LOGIC INPUT VOLTAGE (V)
1.4
20
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
−14 −10
−6
−2 0 2
6
10
14
18
V15 − REFERENCE COMMON MODE VOLTAGE (V)
POSITIVE COMMON-MODE RANGE IS ALWAYS (V+) −1.5V.
IREF = 2mA
TA = TMIN to TMAX
IREF = 1mA
IREF = 0.2mA
V− = −15V
V− = −5V
V+ = +5V
8
7
6
5
4
3
2
1
0
−50
0
50
100
150
V+ − POSITIVE POWER SUPPLY (VDC)
ALL BITS HIGH OR LOW
I+
I−
1.2
1.0
0.8
0.6
0.4
0.2
0
−12
−8
−4
0
4
8
12
16
IREF = 2.0mA
B1
B2
B3
B4
B5
V− = −15V
V− = −5V
Shaded area indicates
permissible output voltage
range for V− = -15V, IREF ≤ 2.0mA
For other V− or IREF
See “Output Current vs Output
Voltage” curve on previous page
TEMPERATURE (
°C)
16
12
8
4
0
−4
−8
−12
−50
0
50
100
150
Figure 14. Reference AMP
Common−Mode Range All Bits On
Figure 15. Logic Input Current
vs. Input Voltage
Figure 16. VTH−VLC vs.
Temperature
Figure 17. Output Voltage Compliance
vs. Temperature
Figure 18. Bit Transfer
Characteristics
Figure 19. Power Supply
Current vs. V+
Figure 20. Power Supply
Current vs. V−
Figure 21. Power Supply
Current vs. Temperature
Figure 22. Maximum Reference
Input Frequency vs.
Compensation Capacitor Value


Similar Part No. - DAC-08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812-QL DATEL-DAC-0812-QL Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812/883 DATEL-DAC-0812/883 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812SE DATEL-DAC-0812SE Datasheet
104Kb / 1P
   Digital-to-Analog Converters
More results

Similar Description - DAC-08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com