Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A070FW03 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A070FW03
Description  7color TFT-LCD module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A070FW03 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A070FW03 Datasheet HTML 4Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 5Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 6Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 7Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 8Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 9Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 10Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 11Page - List of Unclassifed Manufacturers A070FW03 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Version
:
1
Page
:
6 /20
ALL RIGHTS STRICTLY RESERVED. ANY PORTION OF THIS PAPER SHALL NOT BE REPRODUCED, COPIED, OR
TRANSFORMED TO ANY OTHER FORMS WITHOUT PERMISSION FROM AU OPTRONICS CORP.
3. Electrical characteristics
a. Typical operating conditions (GND=AVss=0V, Note 4 )
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
VCC
3
5
5.2
V
AVDD
4.8
5
5.2
V
VGH
14.3
15
15.7
V
Power supply
VGL
-10.5
-10
-9.5
V
ViA
0.4
-
AVDD-0.4
V
Note 1
ViAC
-
3
-
V
AC component
Video signal
amplitude
(VR,VG,VB)
ViDC
-
AVDD/2
-
V
DC component
VCAC
3.5
5.6
6.5
Vp-p
AC component, Note 2
VCOM
VCDC
1.4
1.7
2.0
V
DC component
H Level
VIH
0.8 VCC
-
VCC
V
Input
signal
voltage
L Level
VIL
0
-
0.2 VCC
V
Note 3
Note 1: Refer to Fig.4- (a).
Note 2: The brightness of LCD panel could be changed by adjusting the AC component of
VCOM.
Note 3: STHL, STHR, OEH, L/R, CPH1~CPH3, STVR, STVL, OEV, CKV, U/D.
Note 4: Be sure to apply GND, VCC and VGL to the LCD first, and then apply VGH.
b. Current consumption (GND=AVss=0V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
IGH
VGH=15V
-
0.20
0.5
mA
IGL
VGL=-10V
-
0.80
1.5
mA
ICC
VCC=5V
-
3.0
6.0
mA
Current
for
driver
IDD
AVDD=5V
-
17.0
30
mA
c. Backlight driving conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp voltage
VL
-
560
620
Vrms
Lamp current
IL
-
6
7
mArms
Frequency
FL
-
60
80
kHz
Note 4
-
-
900
Vrms
Note 1,5
-
-
-
Vrms
Note 2,5
Lamp starting voltage
VS
-
-
1,100
Vrms
Note 3,5
Lamp life time
10,000
-
-
Hr
Note 6
Note 1: Ta = 25℃ .
Note 2: Ta = 0℃ .
Note 3: Ta = -30℃ .
Note 4: The lamp frequency should be selected as different as possible from display
horizontal synchronous signal to avoid interference.
Note 5: For starting the backlight unit, the output voltage of DC/AC’s transformer should be larger
than the maximum lamp starting voltage.
Note 6: The” Lamp life time” is defined as the module brightness decrease to 50% original
brightness at Ta=25℃ , IL=6mA.


Similar Part No. - A070FW03

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A0700-40-3X BARRY-A0700-40-3X Datasheet
138Kb / 1P
   BeO 7 dB FLANGED ATTENUATOR
Revision Date 11/24/08
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
   CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
logo
List of Unclassifed Man...
A070GRB ETC2-A070GRB Datasheet
700Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A070GRB01T13 ETC2-A070GRB01T13 Datasheet
700Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
More results

Similar Description - A070FW03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
   TFT LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
   TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
   TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
   TFT - LCD module
LQ150X1LW72 SHARP-LQ150X1LW72 Datasheet
835Kb / 24P
   TFT-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com