Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8567Q Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA8567Q
Description  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8567Q Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8567Q Datasheet HTML 1Page - NXP Semiconductors TDA8567Q Datasheet HTML 2Page - NXP Semiconductors TDA8567Q Datasheet HTML 3Page - NXP Semiconductors TDA8567Q Datasheet HTML 4Page - NXP Semiconductors TDA8567Q Datasheet HTML 5Page - NXP Semiconductors TDA8567Q Datasheet HTML 6Page - NXP Semiconductors TDA8567Q Datasheet HTML 7Page - NXP Semiconductors TDA8567Q Datasheet HTML 8Page - NXP Semiconductors TDA8567Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Sep 23
4
Philips Semiconductors
Product specification
4
× 25 W BTL quad car radio power
amplifier
TDA8567Q
PINNING
SYMBOL
PIN
DESCRIPTION
VP1
1
supply voltage 1
OUT1+
2
output 1+
PGND1
3
power ground 1
OUT1
4
output 1
OUT2
5
output 2
PGND2
6
power ground 2
OUT2+
7
output 2+
VP2
8
supply voltage 2
VDIAG
9
diagnostic output
IN1
10
input 1
IN2
11
input 2
SGND
12
signal ground
IN3
13
input 3
IN4
14
input 4
MODE
15
mode select switch input
VP3
16
supply voltage 3
OUT3+
17
output 3+
PGND3
18
power ground 3
OUT3
19
output 3
OUT4
20
output 4
PGND4
21
power ground 4
OUT4+
22
output 4+
VP4
23
supply voltage 4
handbook, halfpage
TDA8567Q
MGG152
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
VP1
OUT1
+
PGND1
OUT1
OUT2
PGND2
OUT2
+
VP2
VDIAG
IN1
IN2
SGND
IN3
IN4
MODE
VP3
OUT3
+
PGND3
OUT3
OUT4
PGND4
OUT4
+
VP4
Fig.2 Pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn