Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HL7852G Datasheet(PDF) 2 Page - Opnext. Inc.

Part No. HL7852G
Description  GaAlAs Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL7852G Datasheet(HTML) 2 Page - Opnext. Inc.

  HL7852G Datasheet HTML 1Page - Opnext. Inc. HL7852G Datasheet HTML 2Page - Opnext. Inc. HL7852G Datasheet HTML 3Page - Opnext. Inc. HL7852G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL7852G
Rev.1 Dec. 04, 2006 page 2 of 4
Typical Characteristic Curves
0200
160
120
80
40
50
40
30
20
10
0
-20
020
40
PO = 50 mW
TC = 25°C
0
10
20
30
40
50
0
20
40
60
80
100
60
0
10
20
30
40
50
775
780
790
795
785
60
800
PO = 50 mW
Optical Output Power vs. Forward Current
Forward current, IF (mA)
Case temperature, TC (°C)
Monitor Current vs. Case Temprature
Lasing Wavelength vs. Case Temperature
Case temperature, TC (°C)
Far Field Pattern
Angle,
θ ( ° )
Perpendicular
Parallel
-40 -30
-10
10
30
1.0
0.8
0.6
0.4
0.2
0
0
1020304050
10
100
20
30
50
60
Threshold Current vs. Case Temperature
Case temperature, TC (°C)
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
60
Slope Efficiency vs. Case Temperature
Case temperature, TC (°C)
60°C
25°C
TC = 0°C
PO = 5 mW
VR(PD) = 5 V
60


Similar Part No. - HL7852G

ManufacturerPart No.DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HL7852G HITACHI-HL7852G Datasheet
22Kb / 4P
   GaA1As Laser Diode
More results

Similar Description - HL7852G

ManufacturerPart No.DatasheetDescription
Opnext. Inc.
Opnext. Inc.
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Sony Corporation
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
   GaAlAs Laser Diode
Opnext. Inc.
Opnext. Inc.
HL8325G OPNEXT-HL8325G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Sony Corporation
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Hitachi Semiconductor
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
   GaAlAs Laser Diode
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz