Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA8566Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA8566Q
Description  2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8566Q Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Sep 23
2
Philips Semiconductors
Product specification
2
× 25 W BTL stereo car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566Q
FEATURES
• Differential inputs
• Very high Common Mode Rejection Ratio (CMRR)
• High common mode input signal handling
• Requires very few external components
• High output power
• 4 Ω and 2 Ω load driving capability
• Low offset voltage at output
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature pre-warning)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• Short-circuit proof to ground, to VP and across the load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance.
GENERAL DESCRIPTION
The TDA8566Q is an integrated class-B output amplifier
contained in a 17-lead single-in-line (SIL; bent to DIL)
plastic power package. The device contains two amplifiers
in a Bridge-Tied Load configuration (BTL). The output
power is 2
× 25 W in a 4 Ω load or 2 × 40 W in a 2 Ω load.
It has a differential input stage and two diagnostic outputs.
The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6
14.4
18
V
IORM
repetitive peak output current
−−
7.5
A
Iq(tot)
total quiescent current
115
mA
Istb
stand-by current
0.1
100
µA
Isw
switch-on current
−−
40
µA
Zi
input impedance
100
120
k
Pout
output power
RL =4 Ω: THD = 10%
25
W
RL =2 Ω: THD = 10%
40
W
SVRR
supply voltage ripple rejection
Rs =0 Ω−
60
dB
α
cs
channel separation
Rs =10kΩ−
50
dB
CMRR
common mode rejection ratio
75
dB
Gv
closed loop voltage gain
25
26
27
dB
Vno
noise output voltage
Rs =0 Ω−
120
µV
Vos
DC output offset voltage
−−
100
mV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8566Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn