Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8566Q Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8566Q
Description  2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566Q Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8566Q Datasheet HTML 2Page - NXP Semiconductors TDA8566Q Datasheet HTML 3Page - NXP Semiconductors TDA8566Q Datasheet HTML 4Page - NXP Semiconductors TDA8566Q Datasheet HTML 5Page - NXP Semiconductors TDA8566Q Datasheet HTML 6Page - NXP Semiconductors TDA8566Q Datasheet HTML 7Page - NXP Semiconductors TDA8566Q Datasheet HTML 8Page - NXP Semiconductors TDA8566Q Datasheet HTML 9Page - NXP Semiconductors TDA8566Q Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1998 Sep 23
6
Philips Semiconductors
Product specification
2
× 25 W BTL stereo car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
Quality specification in accordance with
UZW-FQ-611-E, if this type is used as an audio amplifier. The number of the
quality specification can be found in the
“Quality Reference Handbook”. The handbook can be ordered using the code
9397 750 00192.
THERMAL CHARACTERISTICS
Thermal characteristics in accordance with (IEC 747-1).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
non-operating
30
V
during 50 ms; load dump
protection trise ≥ 2.5 ms
45
V
IOSM
non-repetitive peak output current
10
A
IORM
repetitive peak output current
7.5
A
Tstg
storage temperature
−55
+150
°C
Tvj
virtual junction temperature
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vpsc
short-circuit safe voltage
18
V
Vpr
reverse polarity
6.0
V
Ptot
total power dissipation
60
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
1.3
K/W
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Fig.5 Equivalent thermal resistance network.
handbook, halfpage
2.2 K/W
0.2 K/W
2.2 K/W
virtual junction
output 1
output 2
case
MEA861 - 1


Similar Part No. - TDA8566Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566Q NXP-TDA8566Q Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

Similar Description - TDA8566Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com