Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP2551 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2551
Description  High-Speed CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2551_07 Datasheet HTML 6Page - Microchip Technology MCP2551_07 Datasheet HTML 7Page - Microchip Technology MCP2551_07 Datasheet HTML 8Page - Microchip Technology MCP2551_07 Datasheet HTML 9Page - Microchip Technology MCP2551_07 Datasheet HTML 10Page - Microchip Technology MCP2551_07 Datasheet HTML 11Page - Microchip Technology MCP2551_07 Datasheet HTML 12Page - Microchip Technology MCP2551_07 Datasheet HTML 13Page - Microchip Technology MCP2551_07 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP2551
DS21667E-page 10
© 2007 Microchip Technology Inc.
FIGURE 2-1:
TEST CIRCUIT FOR ELECTRICAL CHARACTERISTICS
Bus Line (CANH; CANL) Receiver: [TXD = 2V; pins 6 and 7 externally driven]
D22
RDIFF
Differential input resistance
20
100
k
Ω
D24
ILI
CANH, CANL input leakage
current
—150
µA
VDD < VPOR;
VCANH = VCANL = +5V
Transmitter Data Input (TXD)
D25
VIH
High-level input voltage
2.0
VDD
V
Output recessive
D26
VIL
Low-level input voltage
VSS
+0.8
V
Output dominant
D27
IIH
High-level input current
-1
+1
µA
VTXD = VDD
D28
IIL
Low-level input current
-100
-400
µA
VTXD = 0V
Receiver Data Output (RXD)
D31
VOH
High-level output voltage
0.7 VDD
—V
IOH = 8 mA
D32
VOL
Low-level output voltage
0.8
V
IOL = 8 mA
Voltage Reference Output (VREF)
D33
VREF
Reference output voltage
0.45 VDD
0.55 VDD
V-50 µA < IVREF < 50 µA
Standby/Slope-Control (RS pin)
D34
VSTB
Input voltage for standby mode
0.75 VDD
—V
D35
ISLOPE
Slope-control mode current
-10
-200
µA
D36
VSLOPE
Slope-control mode voltage
0.4 VDD
0.6 VDD
V
Thermal Shutdown
D37
TJ(sd)
Shutdown junction temperature
155
180
oC
Note 1
D38
TJ(h)
Shutdown temperature hysteresis
20
30
oC
-12V < V(CANL, CANH) < +12V
(Note 3)
2.2
DC Characteristics (Continued)
DC Specifications (Continued)
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VDD = 4.5V to 5.5V
Extended (E):TAMB = -40°C to +125°C VDD = 4.5V to 5.5V
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
Note
1:
This parameter is periodically sampled and not 100% tested.
2:
ITXD = IRXD = IVREF = 0 mA; 0V < VCANL < VDD; 0V < VCANH < VDD; VRS = VDD.
3:
This is valid for the receiver in all modes; High-speed, Slope-control and Standby.
RS
Rext
GND
RXD
VREF
TXD
60
Ω
100 pF
30 pF
CANH
CANL
CAN
Transceiver
Note:
RS may be connected to VDD or GND via a load resistor depending on desired
operating mode as described in Section 1.7.8, “Slope Resistor Input (Rs)”.
0.1µF
VDD


Similar Part No. - MCP2551_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551-E/P MICROCHIP-MCP2551-E/P Datasheet
349Kb / 24P
   High-Speed CAN Transceiver
2010
MCP2551-E/SN MICROCHIP-MCP2551-E/SN Datasheet
349Kb / 24P
   High-Speed CAN Transceiver
2010
MCP2551-I/P MICROCHIP-MCP2551-I/P Datasheet
349Kb / 24P
   High-Speed CAN Transceiver
2010
MCP2551-I/SN MICROCHIP-MCP2551-I/SN Datasheet
349Kb / 24P
   High-Speed CAN Transceiver
2010
MCP2551E/P MICROCHIP-MCP2551E/P Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
More results

Similar Description - MCP2551_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com