Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6714G Datasheet(PDF) 1 Page - Opnext. Inc.

Part # HL6714G
Description  AlGaInP Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6714G Datasheet(HTML) 1 Page - Opnext. Inc.

  HL6714G Datasheet HTML 1Page - Opnext. Inc. HL6714G Datasheet HTML 2Page - Opnext. Inc. HL6714G Datasheet HTML 3Page - Opnext. Inc. HL6714G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.0 Oct. 17, 2006 page 1 of 4
HL6714G
AlGaInP Laser Diode
ODE-208-044 (Z)
Rev.0
Oct. 17, 2006
Description
The HL6714G is a 0.67
µm band AlGaInP index-guided laser diode with a multi-quantum well (MQW) structure. It is
suitable as a light source for laser beam printers, levelers and various other types of optical equipment. Hermetic
sealing of the package assures high reliability.
Features
• Visible light output at wavelengths up to 680 nm
• Single longitudinal mode
• High output power: 10 mW (CW)
• Built-in monitor photodiode
LD
PD
1
3
Internal Circuit
Package Type
• HL6714G: G2
2
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Ratings
Unit
Optical output power
PO
10
mW
Pulse optical output power
PO(pulse)
12 *
mW
LD reverse voltage
VR(LD)
2
V
PD reverse voltage
VR(PD)
30
V
Operating temperature
Topr
–10 to +50
°C
Storage temperature
Tstg
–40 to +85
°C
Note:
Pulse condition : Pulse width
≤ 1 µs , duty ≤ 50%
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold current
Ith
20
35
60
mA
LD operating voltage
VOP
2.7
V
PO = 10 mW
Slope efficiency
ηs
0.3
0.5
0.8
mW/mA
6 (mW) / (I(8mW) – I(2mW))
Beam divergence
parallel to the junction
θ//
5
8
11
°
PO = 10 mW, FWHM
Beam divergence
parpendicular to the junction
θ⊥
18
22
30
°
PO = 10 mW, FWHM
Astigmatism
AS
10
µm
PO = 10 mW, NA = 0.55
Lasing wavelength
λp
660
670
680
nm
PO = 10 mW
Monitor current
IS
0.3
0.8
1.5
mA
PO = 10 mW, VR(PD) = 5 V


Similar Part No. - HL6714G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6714G HITACHI-HL6714G Datasheet
154Kb / 7P
   AlGaInP Laser Diode
More results

Similar Description - HL6714G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6314MG HITACHI-HL6314MG Datasheet
31Kb / 6P
   AlGaInP Laser Diode
HL6714G HITACHI-HL6714G Datasheet
154Kb / 7P
   AlGaInP Laser Diode
logo
Opnext. Inc.
HL6724MG OPNEXT-HL6724MG Datasheet
92Kb / 4P
   AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6323MG HITACHI-HL6323MG Datasheet
36Kb / 8P
   AlGaInP Laser Diode
logo
Sanyo Semicon Device
DL-4038-025 SANYO-DL-4038-025 Datasheet
68Kb / 3P
   High Power AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6320G HITACHI-HL6320G Datasheet
28Kb / 6P
   AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
    AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
   AlGaInP Laser Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com