Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC551802EZB713 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC551802EZB713
Description  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC551802EZB713 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC551802EZB713 Datasheet HTML 2Page - Microchip Technology TC551802EZB713 Datasheet HTML 3Page - Microchip Technology TC551802EZB713 Datasheet HTML 4Page - Microchip Technology TC551802EZB713 Datasheet HTML 5Page - Microchip Technology TC551802EZB713 Datasheet HTML 6Page - Microchip Technology TC551802EZB713 Datasheet HTML 7Page - Microchip Technology TC551802EZB713 Datasheet HTML 8Page - Microchip Technology TC551802EZB713 Datasheet HTML 9Page - Microchip Technology TC551802EZB713 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC55
DS21435F-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Notes: Unless otherwise specified, VOUT(S) = 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-1:
Output Voltage vs. Output
Current (TC55RP3002).
FIGURE 2-2:
Output Voltage vs. Input
Voltage (TC55RP3002).
FIGURE 2-3:
Output Voltage vs. Input
Voltage (TC55RP3002).
FIGURE 2-4:
Dropout Voltage vs. Output
Current (TC55RP3002).
FIGURE 2-5:
Output Voltage vs.
Operating Temperature (TC55RP3002).
FIGURE 2-6:
Supply Current vs. Input
Voltage (TC55RP3002).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.9
2.8
2.7
20
40
60
0
160
OUTPUT CURRENT IOUT (mA)
3.0
3.1
80
°C
80 100 120 140
25
°C
-30
°C
VIN = 4.0V
TOPR = 25°C
INPUT VOLTAGE VIN (V)
2.8
2.6
2.4
2.2
3.0
3.5
2.5
3.0
3.2
IOUT = 1 mA
10 mA
40 mA
TOPR = 25°C
INPUT VOLTAGE VIN (V)
3.01
3.00
2.99
2.98
2.96
2.97
2.95
5
678
9
10
34
3.03
3.02
3.05
3.04
IOUT = 1 mA
0.8
0.6
0.4
0.2
0.0
-0.2
20 40
60
0
160
OUTPUT CURRENT IOUT (mA)
1.4
1.2
1.0
2.0
1.8
1.6
80 100 120 140
25
°C
-30
°C
80
°C
OPERATING TEMPERATURE (
°C)
3.02
3.00
2.98
2.96
2.94
2.92
2.90
-40
-20
0
20
40
60
80
100
3.06
3.04
3.10
3.08
IOUT = 10 mA
40 mA
VIN = 4.0V
INPUT VOLTAGE VIN (V)
1.1
1.0
0.9
0.8
0.7
0.6
0.5
34
5
6
78
9
10
1.3
1.2
1.5
1.4
TOPR = 25°C


Similar Part No. - TC551802EZB713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5518CF TOSHIBA-TC5518CF Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CF-15 TOSHIBA-TC5518CF-15 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CF-20 TOSHIBA-TC5518CF-20 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CFL TOSHIBA-TC5518CFL Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
TC5518CFL-15 TOSHIBA-TC5518CFL-15 Datasheet
458Kb / 9P
   2,048 WORD X 8 BIT CMOS STATIC RAM
More results

Similar Description - TC551802EZB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com