Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC913BCPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC913BCPA
Description  Dual Auto-Zeroed Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913BCPA Datasheet(HTML) 5 Page - Microchip Technology

  TC913BCPA Datasheet HTML 1Page - Microchip Technology TC913BCPA Datasheet HTML 2Page - Microchip Technology TC913BCPA Datasheet HTML 3Page - Microchip Technology TC913BCPA Datasheet HTML 4Page - Microchip Technology TC913BCPA Datasheet HTML 5Page - Microchip Technology TC913BCPA Datasheet HTML 6Page - Microchip Technology TC913BCPA Datasheet HTML 7Page - Microchip Technology TC913BCPA Datasheet HTML 8Page - Microchip Technology TC913BCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21482C-page 5
TC913A/TC913B
3.0
DETAILED DESCRIPTION
3.1
Theory of Operation
Each of the TC913’s two Op Amps actually consists of
two amplifiers. A main amplifier is always connected
from the input to the output. A separate nulling amplifier
alternately nulls its own offset and then the offset of the
amplifier. Since each amplifier is continuously being
nulled, offset voltage drift with time, temperature and
power supply variations is greatly reduced.
All nulling circuitry is internal and the nulling operation
is transparent to the user. Offset nulling voltages are
stored on two internal capacitors. An internal oscillator
and control logic, shared by the TC913’s two amplifiers,
control the nulling process.
3.2
Pin Compatibility
The TC913 pinout is compatible with OP-14, LM358,
MC1458, LT1013, TLC322, and similar dual Op Amps.
In many circuits operating from single or ±5V supplies,
the TC913 is a drop-in replacement offering DC
performance rivaling that of the best single Op Amps.
The TC913’s amplifiers include a low-impedance class
AB output buffer. Some previous CMOS chopper
amplifiers used a high-impedance output stage which
made open-loop gain dependent on load resistance.
The TC913’s open-loop gain is not dependent on load
resistance.
3.3
Overload Recovery
The TC913 recovers quickly from output saturation.
Typical recovery time from positive output saturation is
20 msec. Negative output saturation recovery time is
typically 5 msec.
3.4
Avoiding Latch-up
Junction-isolated CMOS circuits inherently contain a
parasitic p-n-p-n transistor circuit. Voltages exceeding
the supplies by 0.3V should not be applied to the
device pins. Larger voltages can turn the p-n-p-n
device on, causing excessive device power supply
current and power dissipation. The TC913’s power
supplies should be established at the same time or
before input signals are applied. If this is not possible,
input current should be limited to 0.1 mA to avoid
triggering the p-n-p-n structure.


Similar Part No. - TC913BCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC913BCPA TELCOM-TC913BCPA Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913BCPA MICROCHIP-TC913BCPA Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC913BCPA MICROCHIP-TC913BCPA Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results

Similar Description - TC913BCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
   Dual Auto-Zeroed Operational Amplifiers
2001
logo
TelCom Semiconductor, I...
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
   Monolithic Auto-Zeroed Operational Amplifiers
2005
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
   HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com