Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7660MJA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660MJA
Description  Charge Pump DC-to-DC Voltage Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660MJA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7660MJA Datasheet HTML 2Page - Microchip Technology TC7660MJA Datasheet HTML 3Page - Microchip Technology TC7660MJA Datasheet HTML 4Page - Microchip Technology TC7660MJA Datasheet HTML 5Page - Microchip Technology TC7660MJA Datasheet HTML 6Page - Microchip Technology TC7660MJA Datasheet HTML 7Page - Microchip Technology TC7660MJA Datasheet HTML 8Page - Microchip Technology TC7660MJA Datasheet HTML 9Page - Microchip Technology TC7660MJA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC7660
DS21465B-page 6
 2002 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Theory of Operation
The TC7660 charge pump converter inverts the voltage
applied to the V + pin. The conversion consists of a two-
phase operation (Figure 4-1). During the first phase,
switches S2 and S4 are open and switches S1 and S3
are closed. C1 charges to the voltage applied to the V
+
pin, with the load current being supplied from C2. Dur-
ing the second phase, switches S2 and S4 are closed
and switches S1 and S3 are open. Charge is trans-
ferred from C1 to C2, with the load current being
supplied from C1.
FIGURE 4-1:
Ideal Switched Capacitor
Inverter.
In this manner, the TC7660 performs a voltage inver-
sion, but does not provide regulation. The average out-
put voltage will drop in a linear manner with respect to
load current. The equivalent circuit of the charge pump
inverter can be modeled as an ideal voltage source in
series with a resistor, as shown in Figure 4-2.
FIGURE 4-2:
Switched Capacitor Inverter
Equivalent Circuit Model.
The value of the series resistor (ROUT) is a function of
the switching frequency, capacitance and equivalent
series resistance (ESR) of C1 and C2 and the on-resis-
tance of switches S1, S2, S3 and S4. A close
approximation for ROUT is given in the following
equation:
EQUATION
4.2
Switched Capacitor Inverter
Power Losses
The overall power loss of a switched capacitor inverter
is affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. These losses will
vary with input voltage, temperature and
oscillator frequency.
2.
Conduction losses in the non-ideal switches.
3.
Losses due to the non-ideal nature of the
external capacitors.
4.
Losses that occur during charge transfer from
C1 to C2 when a voltage difference between the
capacitors exists.
Figure 4-3 depicts the non-ideal elements associated
with the switched capacitor inverter power loss.
FIGURE 4-3:
Non-Ideal Switched
Capacitor Inverter.
The power loss is calculated using the following
equation:
EQUATION
V+
GND S
3
S1
S2
S4
C2
VOUT = -VIN
C1
+
+
-
+
ROUT
VOUT
V+
ROUT
1
fPUMP C1
×
----------------------------- 8R
SW
4ESRC1 ESRC2
++
+
=
RSW
on-resistance of the switches
=
ESRC1
equivalent series resistance of C1
=
ESRC2
equivalent series resistance of C2
=
fPUMP
fOSC
2
-----------
=
Where:
LOAD
C1
C2
RSW
S1
IDD
ESRC1
V+
+
-
RSW
S2
RSW
S3
RSW
S4
ESRC2
IOUT
++
PLOSS
IOUT
2
ROUT
×
IDD V
+
×
+
=


Similar Part No. - TC7660MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660MJA TELCOM-TC7660MJA Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660MJA MICROCHIP-TC7660MJA Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660MJA MICROCHIP-TC7660MJA Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
More results

Similar Description - TC7660MJA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com