Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8562Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA8562Q
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562Q Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8562Q Datasheet HTML 1Page - NXP Semiconductors TDA8562Q Datasheet HTML 2Page - NXP Semiconductors TDA8562Q Datasheet HTML 3Page - NXP Semiconductors TDA8562Q Datasheet HTML 4Page - NXP Semiconductors TDA8562Q Datasheet HTML 5Page - NXP Semiconductors TDA8562Q Datasheet HTML 6Page - NXP Semiconductors TDA8562Q Datasheet HTML 7Page - NXP Semiconductors TDA8562Q Datasheet HTML 8Page - NXP Semiconductors TDA8562Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
July 1994
2
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
FEATURES
• Requires very few external components
• High output power
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature detection)
• Good ripple rejection
• Mode select switch (operating, mute and stand-by)
• Load dump protection
• AC and DC short-circuit safe to ground and to VP
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Identical inputs.
GENERAL DESCRIPTION
The TDA8562Q is an integrated class-B output amplifier in
a 17-lead single-in-line (SIL) power package. It contains
4
× 12 W single-ended amplifiers.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT243-1; 1996 August 21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive operating supply voltage
6
14.4
18
V
IORM
repetitive peak output current
−−
4A
IP
total quiescent current
80
mA
Isb
stand-by current
0.1
100
µA
Po
output power
THD = 10%
4
Ω−
7
W
2
Ω−
12
W
RR
supply voltage ripple rejection
48
−−
dB
Vno
noise output voltage
Rs = 0 Ω−
50
−µV
ZI
input impedance
50
−−
k
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8562Q(1)
17
DBS
plastic
SOT243R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn