Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8552 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8552
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8552 Datasheet HTML 19Page - NXP Semiconductors TDA8552 Datasheet HTML 20Page - NXP Semiconductors TDA8552 Datasheet HTML 21Page - NXP Semiconductors TDA8552 Datasheet HTML 22Page - NXP Semiconductors TDA8552 Datasheet HTML 23Page - NXP Semiconductors TDA8552 Datasheet HTML 24Page - NXP Semiconductors TDA8552 Datasheet HTML 25Page - NXP Semiconductors TDA8552 Datasheet HTML 26Page - NXP Semiconductors TDA8552 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
1998 Jun 02
23
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Reflow soldering
Reflow soldering techniques are suitable for all SO and
SSOP packages.
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several techniques exist for reflowing; for example,
thermal conduction by heated belt. Dwell times vary
between 50 and 300 seconds depending on heating
method. Typical reflow temperatures range from
215 to 250
°C.
Preheating is necessary to dry the paste and evaporate
the binding agent. Preheating duration: 45 minutes at
45
°C.
Wave soldering
SO
Wave soldering techniques can be used for all SO
packages if the following conditions are observed:
• A double-wave (a turbulent wave with high upward
pressure followed by a smooth laminar wave) soldering
technique should be used.
• The longitudinal axis of the package footprint must be
parallel to the solder flow.
• The package footprint must incorporate solder thieves at
the downstream end.
SSOP
Wave soldering is not recommended for SSOP packages.
This is because of the likelihood of solder bridging due to
closely-spaced leads and the possibility of incomplete
solder penetration in multi-lead devices.
If wave soldering cannot be avoided, the following
conditions must be observed:
• A double-wave (a turbulent wave with high upward
pressure followed by a smooth laminar wave)
soldering technique should be used.
• The longitudinal axis of the package footprint must
be parallel to the solder flow and must incorporate
solder thieves at the downstream end.
Even with these conditions, only consider wave
soldering SSOP packages that have a body width of
4.4 mm, that is SSOP16 (SOT369-1) or
SSOP20 (SOT266-1).
METHOD (SO AND SSOP)
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Maximum permissible solder temperature is 260
°C, and
maximum duration of package immersion in solder is
10 seconds, if cooled to less than 150
°C within
6 seconds. Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
Repairing soldered joints
Fix the component by first soldering two diagonally-
opposite end leads. Use only a low voltage soldering iron
(less than 24 V) applied to the flat part of the lead. Contact
time must be limited to 10 seconds at up to 300
°C. When
using a dedicated tool, all other leads can be soldered in
one operation within 2 to 5 seconds between
270 and 320
°C.


Similar Part No. - TDA8552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8552TS NXP-TDA8552TS Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
More results

Similar Description - TDA8552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com