Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC553301EZBTR Datasheet(PDF) 11 Page - Microchip Technology

Part # TC553301EZBTR
Description  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC553301EZBTR Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC553301EZBTR Datasheet HTML 7Page - Microchip Technology TC553301EZBTR Datasheet HTML 8Page - Microchip Technology TC553301EZBTR Datasheet HTML 9Page - Microchip Technology TC553301EZBTR Datasheet HTML 10Page - Microchip Technology TC553301EZBTR Datasheet HTML 11Page - Microchip Technology TC553301EZBTR Datasheet HTML 12Page - Microchip Technology TC553301EZBTR Datasheet HTML 13Page - Microchip Technology TC553301EZBTR Datasheet HTML 14Page - Microchip Technology TC553301EZBTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 11
TC55
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Symbol
Voltage
Symbol
Voltage
A
x.0
F
x.5
B
x.1
H
x.6
C
x.2
K
x.7
D
x.3Lx.8
E
x.4
M
x.9
3-Pin SOT-23A
3-Pin SOT-89
1
1
2
2
4
3
4
3
1
represents first voltage digit
2V, 3V, 4V, 5V, 6V
Ex: 3.xV = 3
2
represents first decimal place voltage (x.0 - x.9)
Ex: 3.4V = 3 E
3
represents polarity
0 = Positive (fixed)
4
represents assembly lot number
3-Pin TO-92
8
12
4
7
11
3
6
10
2
5
9
1
= 55RP (fixed)
1 , 2 , 3 & 4
5
represents first voltage digit (2-6)
6
represents first voltage decimal (0-9)
7
represents extra feature code: fixed: 0
represents regulation accuracy
8
1 = ±1.0% (custom), 2 = ±2.0% (standard)
9 , 10,
represents assembly lot number
11 & 12


Similar Part No. - TC553301EZBTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328AJ TOSHIBA-TC55328AJ Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-15 TOSHIBA-TC55328AJ-15 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-20 TOSHIBA-TC55328AJ-20 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-25 TOSHIBA-TC55328AJ-25 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328AJ-35 TOSHIBA-TC55328AJ-35 Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
More results

Similar Description - TC553301EZBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com