Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8552TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8552TS Datasheet HTML 1Page - NXP Semiconductors TDA8552TS Datasheet HTML 2Page - NXP Semiconductors TDA8552TS Datasheet HTML 3Page - NXP Semiconductors TDA8552TS Datasheet HTML 4Page - NXP Semiconductors TDA8552TS Datasheet HTML 5Page - NXP Semiconductors TDA8552TS Datasheet HTML 6Page - NXP Semiconductors TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DATA SHEET
Preliminary specification
Supersedes data of 1998 Feb 26
File under Integrated Circuits, IC01
1998 Jun 02
INTEGRATED CIRCUITS
TDA8552T; TDA8552TS
2
× 1.4 W BTL audio amplifiers with
digital volume control and
headphone sensing


Similar Part No. - TDA8552TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552TS NXP-TDA8552TS Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
More results

Similar Description - TDA8552TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com