Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V660FBC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P89V660FBC
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660FBC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P89V660FBC Datasheet HTML 2Page - NXP Semiconductors P89V660FBC Datasheet HTML 3Page - NXP Semiconductors P89V660FBC Datasheet HTML 4Page - NXP Semiconductors P89V660FBC Datasheet HTML 5Page - NXP Semiconductors P89V660FBC Datasheet HTML 6Page - NXP Semiconductors P89V660FBC Datasheet HTML 7Page - NXP Semiconductors P89V660FBC Datasheet HTML 8Page - NXP Semiconductors P89V660FBC Datasheet HTML 9Page - NXP Semiconductors P89V660FBC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
6 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
TQFP44
PLCC44
P0[0] to P0[7]
I/O
Port 0: Port 0 is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have ‘1’s written to them float, and in this state
can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses
to external code and data memory. In this application, it uses
strong internal pull-ups when making the transition to ‘1’s.
External pull-ups are required as a general purpose I/O port.
P0[0]/AD0
37
43
I/O
P0[0] — Port 0 bit 0.
I/O
AD0 — Address/data bit 0.
P0[1]/AD1
36
42
I/O
P0[1] — Port 0 bit 1.
I/O
AD1 — Address/data bit 1.
P0[2]/AD2
35
41
I/O
P0[2] — Port 0 bit 2.
I/O
AD2 — Address/data bit 2.
P0[3]/AD3
34
40
I/O
P0[3] — Port 0 bit 3.
I/O
AD3 — Address/data bit 3.
P0[4]/AD4
33
39
I/O
P0[4] — Port 0 bit 4.
I/O
AD4 — Address/data bit 4.
P0[5]/AD5
32
38
I/O
P0[5] — Port 0 bit 5.
I/O
AD5 — Address/data bit 5.
P0[6]/AD6
31
37
I/O
P0[6] — Port 0 bit 6.
I/O
AD6 — Address/data bit 6.
P0[7]/AD7
30
36
I/O
P0[7] — Port 0 bit 7.
I/O
AD7 — Address/data bit 7.
P1[0] to P1[7]
I/O with
internal
pull-up
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
pull-ups. The Port 1 pins are pulled high by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 1 pins that are externally
pulled LOW will source current (IIL) because of the internal
pull-ups. P1[5], P1[6], P1[7] have high current drive of 16 mA.
P1[0]/T2
40
2
I/O
P1[0] — Port 1 bit 0.
I
T2 — External count input to Timer/Counter 2 or Clock-out
from Timer/Counter 2
P1[1]/T2EX
41
3
I/O
P1[1] — Port 1 bit 1.
I
T2EX: Timer/Counter 2 capture/reload trigger and direction
control
P1[2]/ECI
42
4
I/O
P1[2] — Port 1 bit 2.
I
ECI — External clock input. This signal is the external clock
input for the PCA.
P1[3]/CEX0
43
5
I/O
P1[3] — Port 1 bit 3.
I/O
CEX0 — Capture/compare external I/O for PCA Module 0.
Each capture/compare module connects to a Port 1 pin for
external I/O. When not used by the PCA, this pin can handle
standard I/O.


Similar Part No. - P89V660FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V660FBC NXP-P89V660FBC Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V660FBC NXP-P89V660FBC Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
More results

Similar Description - P89V660FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com