Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8551 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA8551
Description  1 W BTL audio amplifier with digital volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8551 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8551 Datasheet HTML 1Page - NXP Semiconductors TDA8551 Datasheet HTML 2Page - NXP Semiconductors TDA8551 Datasheet HTML 3Page - NXP Semiconductors TDA8551 Datasheet HTML 4Page - NXP Semiconductors TDA8551 Datasheet HTML 5Page - NXP Semiconductors TDA8551 Datasheet HTML 6Page - NXP Semiconductors TDA8551 Datasheet HTML 7Page - NXP Semiconductors TDA8551 Datasheet HTML 8Page - NXP Semiconductors TDA8551 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Feb 23
4
Philips Semiconductors
Product specification
1 W BTL audio amplifier with digital volume control
TDA8551
FUNCTIONAL DESCRIPTION
The TDA8551; TDA8551T is a 1 W BTL audio power
amplifier capable of delivering 1 W output power to an 8
load at THD = 10% using a 5 V power supply. The gain of
the amplifier can be set by the digital volume control. In the
maximum volume setting the gain is 20 dB. Using the
MODE pin the device can be switched to the standby
condition, the mute condition and the normal operating
condition. The device is protected by an internal thermal
shutdown protection mechanism.
Power amplifier
The power amplifier is a Bridge Tied Load (BTL) amplifier
with a complementary CMOS output stage. The total
voltage loss for both output power MOS transistors is
within 1 V and with a 5 V supply and an 8
Ω loudspeaker
an output power of 1 W can be delivered. The total gain of
this power amplifier is internally fixed at 20 dB.
Volume control
The volume control operates as a digital controlled
attenuator between the audio input pin and the power
amplifier. In the maximum volume control setting the
attenuation is 0 dB and in the minimum volume control
setting the typical attenuation is 80 dB. The attenuation
can be set in 64 steps by the UP/DOWN pin.
This UP/DOWN pin is a trinary input:
• Floating UP/DOWN pin: volume remains unchanged
• Negative pulses: setting volume towards minimum
• Positive pulses: setting volume towards maximum.
Each pulse on the UP/DOWN pin results in a change in
gain of 80/64 = 1.25 dB (typical value). In the basic
application the UP/DOWN pin is switched to ground or VP
by a double push-button. When the supply voltage is
initially connected, after a complete removal of the supply,
the initial state of the volume control is an attenuation of
40 dB (low volume), so the gain of the total amplifier is
−20 dB. After powering-up, some positive pulses have to
be applied to the UP/DOWN pin for turning up to listening
volume. When the device is switched with the MODE
select pin to the mute or the standby condition, the volume
control attenuation setting remains on its value, assumed
that the voltage on pin VP does not fall below the minimum
supply voltage. After switching the device back to the
operation mode, the previous volume setting is
maintained.
Mode select pin
The device is in the standby mode (with a very low current
consumption) if the voltage at the MODE pin is between VP
and VP − 0.5 V. At a mode select voltage level of less than
0.5 V the amplifier is fully operational. In the range
between 1 V and VP − 1.4 V the amplifier is in the mute
condition. The mute condition is useful for using it as a ‘fast
mute’; in this mode output signal is suppressed, while the
volume setting remains at its value. It is advised to keep
the device in the mute condition while the input capacitor
is being charged. This can be done by holding the MODE
pin at a level of 0.5VP, or by waiting approximately 100 ms
before giving the first volume-UP pulses.


Similar Part No. - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results

Similar Description - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
Integral Corp.
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz