Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8551 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. TDA8551
Description  1 W BTL audio amplifier with digital volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8551 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8551 Datasheet HTML 8Page - NXP Semiconductors TDA8551 Datasheet HTML 9Page - NXP Semiconductors TDA8551 Datasheet HTML 10Page - NXP Semiconductors TDA8551 Datasheet HTML 11Page - NXP Semiconductors TDA8551 Datasheet HTML 12Page - NXP Semiconductors TDA8551 Datasheet HTML 13Page - NXP Semiconductors TDA8551 Datasheet HTML 14Page - NXP Semiconductors TDA8551 Datasheet HTML 15Page - NXP Semiconductors TDA8551 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1998 Feb 23
12
Philips Semiconductors
Product specification
1 W BTL audio amplifier with digital volume control
TDA8551
Fig.16 Layout of printed-circuit board.
Dimensions in mm.
handbook, full pagewidth
bottom view
top view
MGM561
OUT
OUT
+
+VP
GND
51.2
51.1
UP
DOWN
VOLUME
CONTROL
J1
18
R1
C1
C2
S1
S2
C5
C3
C4
Vi
stand-by
operating
mute
TDA
8551
AUDIO POWER
CIC NIJMEGEN
TDA8551


Similar Part No. - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results

Similar Description - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
Integral Corp.
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz