Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8551 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA8551
Description  1 W BTL audio amplifier with digital volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8551 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8551 Datasheet HTML 7Page - NXP Semiconductors TDA8551 Datasheet HTML 8Page - NXP Semiconductors TDA8551 Datasheet HTML 9Page - NXP Semiconductors TDA8551 Datasheet HTML 10Page - NXP Semiconductors TDA8551 Datasheet HTML 11Page - NXP Semiconductors TDA8551 Datasheet HTML 12Page - NXP Semiconductors TDA8551 Datasheet HTML 13Page - NXP Semiconductors TDA8551 Datasheet HTML 14Page - NXP Semiconductors TDA8551 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 Feb 23
11
Philips Semiconductors
Product specification
1 W BTL audio amplifier with digital volume control
TDA8551
Fig.14 Power dissipation as a function of supply
voltage.
(1) RL =4 Ω.
(2) RL =8 Ω.
(3) RL =16 Ω.
handbook, halfpage
0
02
6
1.5
0.5
1
4
MGM556
P
(W)
VP (V)
(1)
(2)
(3)
Fig.12 Volume gain as a function of volume steps.
handbook, halfpage
020
40
80
nvol
Gv
(dB)
20
−80
0
60
−20
−40
−60
MGM553
Fig.13 Output power as a function of supply
voltage.
THD = 10 %.
(1) RL =4 Ω.
(2) RL =8 Ω.
handbook, halfpage
0
3
2
1
0
26
4
MGM558
Po
(W)
VP (V)
(1)
(2)
Po(max) is limited by Ptot and a
maximum available repetitive
peak output current of 1 A.
Fig.15 Power dissipation as a function of output
power.
(1) VP = 5 V; RL =4 Ω.
(2) VP = 5 V; RL =8 Ω.
(3) VP = 3.3 V; RL =4 Ω.
(4) VP = 5 V; RL =16 Ω.
(5) VP = 3.3 V; RL =8 Ω.
handbook, halfpage
0
2.0
1.5
0.5
0
1
0.4
0.8
1.2
1.6
MGM557
P
(W)
Po (W)
(5)
(4)
(3)
(2)
(1)


Similar Part No. - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results

Similar Description - TDA8551

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
Integral Corp.
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
NXP Semiconductors
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz