Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8547T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8547T
Description  2 x 1 W BTL audio amplifier with output channel switching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8547T Datasheet HTML 1Page - NXP Semiconductors TDA8547T Datasheet HTML 2Page - NXP Semiconductors TDA8547T Datasheet HTML 3Page - NXP Semiconductors TDA8547T Datasheet HTML 4Page - NXP Semiconductors TDA8547T Datasheet HTML 5Page - NXP Semiconductors TDA8547T Datasheet HTML 6Page - NXP Semiconductors TDA8547T Datasheet HTML 7Page - NXP Semiconductors TDA8547T Datasheet HTML 8Page - NXP Semiconductors TDA8547T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Oct 07
3
Philips Semiconductors
Preliminary specification
2
× 1 W BTL audio amplifier with output
channel switching
TDA8547
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGK697
STANDBY/MUTE LOGIC
R
R
20 k
20 k
IN1
IN1
+
VCC1
OUT1
OUT1
+
+
+
STANDBY/MUTE LOGIC
R
R
20 k
20 k
IN2
IN2
+
VCC2
SVRR
MODE
OUT2
OUT2
+
+
+
SELECT
GND1
GND2
VCC1 VCC2
16
9
15
2
10
7
18
14
13
11
12
4
3
5
TDA8547


Similar Part No. - TDA8547T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Similar Description - TDA8547T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com