Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1413EUA Datasheet(PDF) 3 Page - Microchip Technology

Part # C1413EUA
Description  3A High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

C1413EUA Datasheet(HTML) 3 Page - Microchip Technology

  C1413EUA Datasheet HTML 1Page - Microchip Technology C1413EUA Datasheet HTML 2Page - Microchip Technology C1413EUA Datasheet HTML 3Page - Microchip Technology C1413EUA Datasheet HTML 4Page - Microchip Technology C1413EUA Datasheet HTML 5Page - Microchip Technology C1413EUA Datasheet HTML 6Page - Microchip Technology C1413EUA Datasheet HTML 7Page - Microchip Technology C1413EUA Datasheet HTML 8Page - Microchip Technology C1413EUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2003 Microchip Technology Inc.
DS21392C-page 3
TC1413/TC1413N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage .....................................................+20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range.............. -65°C to +150°C
Maximum Junction Temperature ...................... +150ºC
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
PIN FUNCTION TABLE
Symbol
Description
VDD
Supply input, 4.5V to 16V
INPUT
Control input
NC
No connection
GND
Ground
GND
Ground
OUTPUT
CMOS push-pull output,
common to pin 7
OUTPUT
CMOS push-pull output,
common to pin 6
VDD
Supply input, 4.5V to 16V
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA = +25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
1.0
µA
0V
≤ VIN ≤ VDD, TA = +25°C
-10
10
-40°C
≤ TA ≤ +85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—2.7
4.0
VDD = 16V, IO = 10 mA, TA = +25°C
—3.3
5.0
0°C
≤ TA ≤ +70°C
3.3
5.0
-40°C
≤ TA ≤ +85°C
Peak Output Current
IPK
—3.0
A
VDD = 16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
≤ 2%, t ≤ 300 µsec,
VDD = 16V
Switching Time (Note 1)
Rise Time
tR
—20
28
nsec TA = +25°C
—22
33
0°C
≤ TA ≤ +70°C
24
33
-40°C
≤ TA ≤ +85°C, Figure 4-1
Fall Time
tF
—20
28
nsec TA = +25°C
—22
33
0°C
≤ TA ≤ +70°C
24
33
-40°C
≤ TA ≤ +85°C, Figure 4-1
Note 1:
Switching times ensured by design.


Similar Part No. - C1413EUA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1410 VECTRON-C1410 Datasheet
84Kb / 5P
   AT-Cut Crystal Dual-inline oscillator Surface Mount Option
logo
Sumida Corporation
C14103 SUMIDA-C14103 Datasheet
46Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
C14103 SUMIDA-C14103 Datasheet
108Kb / 2P
   ADSL Transformer
C14106 SUMIDA-C14106 Datasheet
46Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
C14106 SUMIDA-C14106 Datasheet
108Kb / 2P
   ADSL Transformer
More results

Similar Description - C1413EUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com