Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3100 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ3100
Description  Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3100 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ3100 Datasheet HTML 1Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 2Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 3Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 4Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 5Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 6Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 7Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 8Page - Maxim Integrated Products MAXQ3100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAXQ3100 microcontroller is a low-power, 16-bit
RISC device that incorporates an integrated liquid-crystal
display (LCD) interface that can drive up to 160 seg-
ments, two analog comparators with precision internal
1.25V reference voltage, and a real-time clock (RTC)
module with a dedicated battery-backup supply. An inter-
nal temperature sensor allows software to monitor device
temperature and optionally interrupt to alert when a tem-
perature conversion is complete. The MAXQ3100 is
uniquely suited for single-phase electricity metering appli-
cations that require an external analog front-end, but can
be used in any application that requires high-perfor-
mance operation. The device operates at a fixed
4.194MHz, generated from the 32.76kHz RTC crystal. The
device has 8kWords of EEPROM, 512 words of RAM,
three 16-bit timers, and two universal synchronous/asyn-
chronous receiver/transmitters (USARTs). The microcon-
troller core and I/O are powered by a single 3.3V supply,
and an additional battery supply keeps the RTC running
during power outages.
Features
♦ High-Performance, Low-Power, 16-Bit RISC Core
4.194MHz Operation, Approaching 1MIPS
per MHz
3.3V Core and I/O
33 Instructions, Most Single-Cycle
Three Independent Data Pointers Accelerate
Data Movement with Automatic Increment/
Decrement
16-Level Hardware Stack
16-Bit Instruction Word, 16-Bit Data Bus
16 x 16-Bit, General-Purpose Working Registers
Optimized for C-Compiler (High-Speed/Density
Code)
♦ Program and Data Memory
8kWords EEPROM
200,000 EEPROM Write/Erase Cycles
512 Words of Internal Data RAM
JTAG-Compatible Debug Port Bootloader for
Programming
♦ Peripheral Features
Up to 27 General-Purpose I/O Pins, Most 5V
Tolerant
160-Segment LCD Driver
Up to 4 COM and 40 Segments
Static, 1/2, and 1/3 LCD Bias Supported
No External Resistors Required
Two Analog Comparators with Internal +1.25V
Precision Reference
Two Serial USARTs, One with Infrared PWM
Support
Digital Temperature Sensor
Three 16-Bit Programmable Timers/Counters
8-Bit, Subsecond, System Timer/Alarm
Battery-Backed, 32-Bit RTC with
Time-of-Day Alarm and Digital Trim
Programmable Watchdog Timer
♦ Flexible Programming Interface
Bootloader Simplifies Programming
In-System Programming Through Debug Port
Supports In-Application Programming of EEPROM
♦ Power Consumption
1.9mA at 4.194MHz, 3.6V Operation
1.9µA Standby Current in Sleep Mode
Low-Power Divide-by-256 Mode
Mixed-Signal Microcontroller with Analog
Comparators, LCD, and RTC
________________________________________________________________
Maxim Integrated Products
1
Rev 0; 6/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Typical Application Circuits and Pin Configuration appear
at end of data sheet.
Note: Some revisions of this device may incorporate deviations
from published specifications known as errata. Multiple revi-
sions of any device may be simultaneously available through
various sales channels. For information about device errata, go
to: www.maxim-ic.com/errata.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
+
Denotes a Pb-free/RoHS-compliant device.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAXQ3100-EMN+
-40°C to +85°C
80 MQFP
Utility Meters
Battery-Powered and
Portable Devices
Electrochemical and
Optical Sensors
Industrial Control
Data-Acquisition
Systems and Data
Loggers
Home Appliances
Consumer Electronics
Thermostats/Humidity
Sensors
Security Sensors
Gas and Chemical
Sensors
HVAC
Smart Transmitters
Applications


Similar Part No. - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN++ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
   Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
More results

Similar Description - MAXQ3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com