Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1412
Description  2A High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412 Datasheet(HTML) 4 Page - Microchip Technology

  TC1412_03 Datasheet HTML 1Page - Microchip Technology TC1412_03 Datasheet HTML 2Page - Microchip Technology TC1412_03 Datasheet HTML 3Page - Microchip Technology TC1412_03 Datasheet HTML 4Page - Microchip Technology TC1412_03 Datasheet HTML 5Page - Microchip Technology TC1412_03 Datasheet HTML 6Page - Microchip Technology TC1412_03 Datasheet HTML 7Page - Microchip Technology TC1412_03 Datasheet HTML 8Page - Microchip Technology TC1412_03 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1412/TC1412N
DS21391C-page 4
 2003 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Delay Time
tD1
—35
45
nsec TA = +25°C,
—40
50
0°C
≤ TA ≤ +70°C
40
50
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD2
—35
45
nsec TA = +25°C
—40
50
0°C
≤ TA ≤ +70°C
40
50
-40°C
≤ TA ≤ +85°C, Figure 4-1
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN = 3V, VDD = 16V
0.1
0.15
VIN = 0V
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
+85
ºC
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
θJA
206
ºC/W
Thermal Resistance, 8L-PDIP
θJA
125
ºC/W
Thermal Resistance, 8L-SOIC
θJA
155
ºC/W
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA = +25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Switching times ensured by design.


Similar Part No. - TC1412_03

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412COA TELCOM-TC1412COA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412COA MICROCHIP-TC1412COA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412COA MICROCHIP-TC1412COA Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412COA2A MICROCHIP-TC1412COA2A Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412COA713 MICROCHIP-TC1412COA713 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1412_03

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com