Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1411 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1411
Description  1A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1411_06 Datasheet HTML 8Page - Microchip Technology TC1411_06 Datasheet HTML 9Page - Microchip Technology TC1411_06 Datasheet HTML 10Page - Microchip Technology TC1411_06 Datasheet HTML 11Page - Microchip Technology TC1411_06 Datasheet HTML 12Page - Microchip Technology TC1411_06 Datasheet HTML 13Page - Microchip Technology TC1411_06 Datasheet HTML 14Page - Microchip Technology TC1411_06 Datasheet HTML 15Page - Microchip Technology TC1411_06 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC1411/TC1411N
DS21390D-page 12
© 2006 Microchip Technology Inc.
8-Lead Plastic Small Outline (OA) – Narrow, 150 mil (SOIC)
Foot Angle
φ
04804
8
15
12
0
15
12
0
β
Mold Draft Angle Bottom
15
12
0
15
12
0
α
Mold Draft Angle Top
0.51
0.42
0.33
.020
.017
.013
B
Lead Width
0.25
0.23
0.20
.010
.009
.008
c
Lead Thickness
0.76
0.62
0.48
.030
.025
.019
L
Foot Length
0.51
0.38
0.25
.020
.015
.010
h
Chamfer Distance
5.00
4.90
4.80
.197
.193
.189
D
Overall Length
3.99
3.91
3.71
.157
.154
.146
E1
Molded Package Width
6.20
6.02
5.79
.244
.237
.228
E
Overall Width
0.25
0.18
0.10
.010
.007
.004
A1
Standoff
§
1.55
1.42
1.32
.061
.056
.052
A2
Molded Package Thickness
1.75
1.55
1.35
.069
.061
.053
A
Overall Height
1.27
.050
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
p
B
E
E1
h
L
β
c
45
°
φ
A2
α
A
A1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side.
JEDEC Equivalent: MS-012
Drawing No. C04-057
§ Significant Characteristic
Note:
For the most current package drawings, please
see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


Similar Part No. - TC1411_06

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1411COA TELCOM-TC1411COA Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411COA MICROCHIP-TC1411COA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411COA MICROCHIP-TC1411COA Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
logo
TelCom Semiconductor, I...
TC1411CPA TELCOM-TC1411CPA Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411CPA MICROCHIP-TC1411CPA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
More results

Similar Description - TC1411_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1411 TELCOM-TC1411 Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411 MICROCHIP-TC1411_13 Datasheet
994Kb / 26P
   1A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com