Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1265-1.8VETTR Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1265-1.8VETTR
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VETTR Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1265-1.8VETTR Datasheet HTML 2Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 3Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 4Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 5Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 6Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 7Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 8Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 9Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1265
DS21376D-page 6
© 2006 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Regulated Output Voltage (VOUT)
Regulated voltage output.
3.2
Ground (GND)
Ground terminal.
3.3
Reference Bypass (BYPASS)
Reference bypass input. Connecting a 470 pF to this
input further reduces output noise.
3.4
Out-of-Regulation Flag (ERROR)
Out-of-regulation flag (open-drain output). This output
goes
low
when
VOUT is out-of-tolerance by
approximately -5%.
3.5
Shutdown Control (SHDN)
Shutdown control input. The regulator is fully enabled
when a logic-high is applied to this input. The regulator
enters shutdown when a logic-low is applied to this
input. During shutdown, the output voltage falls to zero
and the supply current is reduced to 0.05 µA (typical).
3.6
Unregulated Supply (VIN)
Unregulated supply input.
Pin No.
(8-Pin SOIC)
Pin No.
(5-Pin DDPAK)
(5-Pin TO-220)
Symbol
Description
15
VOUT
Regulated voltage output
2
3
GND
Ground terminal
3
NC
No connect
4
1
BYPASS
Reference bypass input
5—
ERROR
Out-of-Regulation Flag (open-drain output)
6
2
SHDN
Shutdown control input
7
NC
No connect
84
VIN
Unregulated supply input


Similar Part No. - TC1265-1.8VETTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265-1.8VETTR MICROCHIP-TC1265-1.8VETTR Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
More results

Similar Description - TC1265-1.8VETTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com