Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1264-3.3VDBTR Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1264-3.3VDBTR
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1264-3.3VDBTR Datasheet(HTML) 5 Page - Microchip Technology

  TC1264-3.3VDBTR Datasheet HTML 1Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 2Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 3Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 4Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 5Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 6Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 7Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 8Page - Microchip Technology TC1264-3.3VDBTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21375C-page 5
TC1264
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Unregulated Supply (VIN)
Unregulated supply input.
3.2
Ground (GND)
Ground terminal.
3.3
Regulated Output Voltage (VOUT)
Regulated voltage output.
Pin No.
3-Pin SOT-223
3-Pin TO-220
3-Pin DDPAK
Symbol
Description
1VIN
Unregulated supply input
2
GND
Ground terminal
3VOUT
Regulated voltage output.


Similar Part No. - TC1264-3.3VDBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1264 MICROCHIP-TC1264 Datasheet
448Kb / 12P
   800mA Fixed Output CMOS LDO
2002
More results

Similar Description - TC1264-3.3VDBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com