Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8542T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8542T
Description  2 x 1 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8542T Datasheet HTML 6Page - NXP Semiconductors TDA8542T Datasheet HTML 7Page - NXP Semiconductors TDA8542T Datasheet HTML 8Page - NXP Semiconductors TDA8542T Datasheet HTML 9Page - NXP Semiconductors TDA8542T Datasheet HTML 10Page - NXP Semiconductors TDA8542T Datasheet HTML 11Page - NXP Semiconductors TDA8542T Datasheet HTML 12Page - NXP Semiconductors TDA8542T Datasheet HTML 13Page - NXP Semiconductors TDA8542T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1998 Apr 01
10
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
Fig.6 THD as a function of frequency.
Po = 0.5 W, Gv = 20 dB.
(1) VCC = 5 V, RL =8 Ω.
(2) VCC = 9 V, RL =16 Ω.
handbook, halfpage
10
1
10−1
10−2
MGD892
10
102
103
104
THD
(%)
f (Hz)
105
(1)
(2)
Fig.7
Channel separation as a function of
frequency.
VCC = 5 V, Vo = 2 V, RL =8 Ω.
(1) Gv =30dB.
(2) Gv =20dB.
(3) Gv = 6 dB.
handbook, halfpage
−100
−90
−80
−70
−60
MGD893
10
102
103
104
105
f (Hz)
α
cs
(dB)
(1)
(2)
(3)
Fig.8 SVRR as a function of frequency.
VCC = 5 V, Rs =0 Ω, Vr 100 mV.
(1) Gv =30dB.
(2) Gv =20dB.
(3) Gv = 6 dB.
handbook, halfpage
−80
−60
−40
−20
MGD894
102
10
103
SVRR
(dB)
f (Hz)
104
105
(1)
(2)
(3)
Fig.9 Po as a function of VCC.
(1) THD = 10%, RL =8 Ω.
(2) THD = 10%, RL =16 Ω.
handbook, halfpage
048
Po
(W)
VCC (V)
12
2.5
0
2
1.5
1
(1)
(2)
0.5
MGD895


Similar Part No. - TDA8542T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8542T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com