Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8542AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8542AT
Description  2 x 1.5 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8542AT Datasheet HTML 3Page - NXP Semiconductors TDA8542AT Datasheet HTML 4Page - NXP Semiconductors TDA8542AT Datasheet HTML 5Page - NXP Semiconductors TDA8542AT Datasheet HTML 6Page - NXP Semiconductors TDA8542AT Datasheet HTML 7Page - NXP Semiconductors TDA8542AT Datasheet HTML 8Page - NXP Semiconductors TDA8542AT Datasheet HTML 9Page - NXP Semiconductors TDA8542AT Datasheet HTML 10Page - NXP Semiconductors TDA8542AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Mar 25
7
Philips Semiconductors
Product specification
2
× 1.5 W BTL audio amplifier
TDA8542AT
AC CHARACTERISTICS
VCC =6V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Fig.3; unless otherwise specified.
Notes
1. Gain of the amplifier is
in test circuit of Fig.3.
2. The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a
source impedance of RS =0 Ω at the input.
3. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied to
the positive supply rail.
4. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS),
which is applied to the positive supply rail.
5. Output voltage in mute position is measured with a 1 V (RMS) input voltage in a bandwidth of 20 kHz, so including
noise.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%
1.2
1.5
W
THD = 0.5%
0.9
1.1
W
THD
total harmonic distortion
Po = 0.4 W
0.15
0.3
%
Gv(cl)
closed-loop voltage gain
note 1
6
30
dB
Zi(dif)
differential input impedance
100
k
Vn(o)
noise output voltage
note 2
−−
100
µV
SVRR
supply voltage ripple rejection
note 3
50
−−
dB
note 4
40
−−
dB
Vo(mute)
output voltage in mute condition
note 5
−−
200
µV
αcs
channel separation
40
−−
dB
2
R2
R1
--------
×


Similar Part No. - TDA8542AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542T PHILIPS-TDA8542T Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8542AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com