Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA748I Datasheet(PDF) 1 Page - STMicroelectronics

Part # UA748I
Description  PRECISION SINGLE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA748I Datasheet(HTML) 1 Page - STMicroelectronics

  UA748I Datasheet HTML 1Page - STMicroelectronics UA748I Datasheet HTML 2Page - STMicroelectronics UA748I Datasheet HTML 3Page - STMicroelectronics UA748I Datasheet HTML 4Page - STMicroelectronics UA748I Datasheet HTML 5Page - STMicroelectronics UA748I Datasheet HTML 6Page - STMicroelectronics UA748I Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
s INPUT OFFSET VOLTAGE : 3mV max. OVER
TEMPERATURE
s FREQUENCY COMPENSATION WITH A
SINGLE 30pF CAPACITOR (C1)
s OPERATION FROM ±5V to ±15V
s LOW POWER CONSUMPTION :
50mW AT ±15V
s CONTINUOUS SHORT-CIRCUIT PROTEC-
TION
s OPERATION AS A COMPARATOR WITH
DIFFERENTIAL INPUTS AS HIGH AS ±30V
s NO LATCH-UP WHEN COMMON-MODE
RANGE IS EXCEEDED
s SAME PIN CONFIGURATION AS THE
LM101A
DESCRIPTION
The UA748 is a general purpose operational am-
plifier built on a single silicon chip. The resulting
close match and tight thermal coupling gives low
offsets and temperature drift as well as fast recov-
ery from thermal transients.
s Short-circuit protection
s Offset voltage null capability
s Large common-mode and differential voltage
ranges
s Low power consumption
s No latch-up
The unity-gain compensation specified makes the
circuit stable for all feedback configurations, even
with capacitive loads. However, it is possible to
optimize compensation for best high frequency
performance at any gain. The low power dissipa-
tion permits high voltage operation and simplifies
packaging in full-temperature range systems.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
UA748C
0°C, +70°C
••
UA748I
-40°C, +105°C
••
UA748M
-55°C, +125°C
••
Example : UA748CN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
1 - Offset null 1/frequency compensation
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Offset null 2
6 - Output
7 - VCC
+
8 - Frequency compensation
UA748
PRECISION SINGLE OPERATIONAL AMPLIFIER
December 2001


Similar Part No. - UA748I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748ID STMICROELECTRONICS-UA748ID Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748IN STMICROELECTRONICS-UA748IN Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - UA748I

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMOP177 NJRC-NJMOP177 Datasheet
1Mb / 18P
   Single Precision Operational Amplifier
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748 Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6081 TI1-LMC6081 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6081 Precision CMOS Single Operational Amplifier
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA1013 BURR-BROWN-OPA1013 Datasheet
165Kb / 9P
   Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com