Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH350ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH350ID
Description  550MHz low noise current feedback amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 1 Page - STMicroelectronics

  TSH350ID Datasheet HTML 1Page - STMicroelectronics TSH350ID Datasheet HTML 2Page - STMicroelectronics TSH350ID Datasheet HTML 3Page - STMicroelectronics TSH350ID Datasheet HTML 4Page - STMicroelectronics TSH350ID Datasheet HTML 5Page - STMicroelectronics TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2007
Rev 4
1/22
22
TSH350
550MHz low noise current feedback amplifier
Features
Bandwidth: 550MHz in unity gain
Quiescent current: 4.1mA
Slew rate: 940V/
μs
Input noise: 1.5nV/
√Hz
Distortion: SFDR=-66dBc (10MHz, 1Vpp)
2.8Vpp minimum output swing on 100Ω load for
a 5V supply
Tested on 5V power supply
Applications
Communication & video test equipment
Medical instrumentation
ADC drivers
Description
The TSH350 is a current feedback operational
amplifier using a very high-speed complementary
technology to provide a bandwidth up to 410MHz
while drawing only 4.1mA of quiescent current.
With a slew rate of 940V/µs and an output stage
optimized for driving a standard 100
Ω load, this
circuit is highly suitable for applications where
speed and power-saving are the main
requirements.
The TSH350 is a single operator available in the
tiny SOT23-5 and SO-8 plastic packages, saving
board space as well as providing excellent
thermal and dynamic performance.
Pin connections (top view)
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
SOT23-5
Output 1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
SOT23-5
Output
Inv. In.
Non-Inv. In.
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
SO-8
Inv. In.
Non-Inv. In.
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
SO-8
SOT23-5
SO-8
www.st.com


Similar Part No. - TSH350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH350ID STMICROELECTRONICS-TSH350ID Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
TSH350IDT STMICROELECTRONICS-TSH350IDT Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
More results

Similar Description - TSH350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
logo
Texas Instruments
THS3110IDGNR TI-THS3110IDGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com