Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1203I Datasheet(PDF) 8 Page - STMicroelectronics

Part # SA1203I
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA1203I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SA1203I Datasheet HTML 4Page - STMicroelectronics SA1203I Datasheet HTML 5Page - STMicroelectronics SA1203I Datasheet HTML 6Page - STMicroelectronics SA1203I Datasheet HTML 7Page - STMicroelectronics SA1203I Datasheet HTML 8Page - STMicroelectronics SA1203I Datasheet HTML 9Page - STMicroelectronics SA1203I Datasheet HTML 10Page - STMicroelectronics SA1203I Datasheet HTML 11Page - STMicroelectronics SA1203I Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
TSA1203
8/30
7
Electrical characteristics
Electrical characteristics, unless otherwise specified, are measured at
AVCC =DVCC =VCCB = 2.5 V, FS = 40 Msps, Rpol =18kΩ, Fin = 2 MHz, Vin@ -1 dBFS,
VREFP=0.8 V, VREFM=0 V, and Tamb = 25° C.
Table 6.
Analog inputs
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
VIN-VINB Full scale reference voltage
Differential
inputs
mandatory
1.1
2.0
2.8
Vpp
Cin
Input capacitance
7.0
pF
Req
Equivalent input resistor
10
k
Ω
BW
Analog input bandwidth
Vin@full scale,
Fs=40 Msps
1000
MHz
ERB
Effective resolution bandwidth
70
MHz
Table 7.
Digital inputs and outputs
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
Clock and Select inputs
VIL
Logic "0" voltage
0
0.8
V
VIH
Logic "1" voltage
2.0
2.5
V
OEB input
VIL
Logic "0" voltage
0
0.25 x VCCBE
V
VIH
Logic "1" voltage
0.75 x VCCBE
VCCBE
V
Digital outputs
VOL
Logic "0" voltage
IOL=10 µA
0
0.1 x VCCBE
V
VOH
Logic "1" voltage
IOH=10 µA
0.9 x VCCBE
VCCBE
V
IOZ
High impedance
leakage current
OEB set to
VIH
-1.67
0
1.67
µA
CL
Output load
capacitance
15
pF
Table 8.
Reference voltage
Symbol
Parameter
Min
Typ
Max
Unit
VREFP I
VREFP Q
Top internal reference voltage
0.81
0.88
0.94
V
VINCM I
VINCM Q
Input common mode voltage
0.41
0.46
0.50
V


Similar Part No. - SA1203I

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA120 PANJIT-SA120 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA120 CHONGQING-SA120 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA120 FCI-SA120 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA120 TSC-SA120 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA120 WTE-SA120 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA1203I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203 Datasheet
488Kb / 20P
   DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
   8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com