Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8540T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8540T
Description  4 X 4 video switch matrix
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8540T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8540T Datasheet HTML 1Page - NXP Semiconductors TDA8540T Datasheet HTML 2Page - NXP Semiconductors TDA8540T Datasheet HTML 3Page - NXP Semiconductors TDA8540T Datasheet HTML 4Page - NXP Semiconductors TDA8540T Datasheet HTML 5Page - NXP Semiconductors TDA8540T Datasheet HTML 6Page - NXP Semiconductors TDA8540T Datasheet HTML 7Page - NXP Semiconductors TDA8540T Datasheet HTML 8Page - NXP Semiconductors TDA8540T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Feb 06
4
Philips Semiconductors
Product specification
4
× 4 video switch matrix
TDA8540
PINNING
SYMBOL
PIN
DESCRIPTION
OUT2
1
video output 2
D0
2
control output 0
OUT3
3
video output 3
VCC(D2,3)
4
driver supply voltage; for
drivers 2 and 3
S2
5
sub-address input 2
IN0
6
video input 0 (CVBS or
chrominance signal)
S1
7
sub-address input 1
IN1
8
video input 1 (CVBS or
chrominance signal)
AGND
9
analog ground
IN2
10
video input 2 (CVBS or luminance
signal)
S0
11
sub-address input 0
IN3
12
video input 3 (CVBS or luminance
signal)
VCC
13
general supply voltage
OUT1
14
video output 1
VCC(D0,1)
15
driver supply voltage; for
drivers 0 and 1
OUT0
16
video output 0
D1
17
control output 1
SCL
18
serial clock input
SDA
19
serial data input/output
DGND
20
digital ground
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OUT2
D0
OUT3
VCC(D2,3)
S2
IN0
S1
IN1
AGND
IN2
DGND
SDA
SCL
D1
OUT0
VCC(D0,1)
OUT1
VCC
IN3
S0
TDA8540
MLA277 - 2
Fig.2 Pinning configuration.


Similar Part No. - TDA8540T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541T PHILIPS-TDA8541T Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8540T

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50MS-367 JFW-50MS-367 Datasheet
37Kb / 2P
   4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
50MS-367 JFW-50MS-367_17 Datasheet
37Kb / 2P
   4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
JFW Industries, Inc.
50MS-337 JFW-50MS-337_18 Datasheet
32Kb / 2P
   24 X 4 BLOCKING SOLID STATE MATRIX SWITCH
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com